Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FKC12 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # FKC12
Description  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FKC12 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  FKC12_14 Datasheet HTML 1Page - Power Mate Technology Co., LTD FKC12_14 Datasheet HTML 2Page - Power Mate Technology Co., LTD FKC12_14 Datasheet HTML 3Page - Power Mate Technology Co., LTD FKC12_14 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.PDUKE.com
2014/05/27
FKC12 SERIES
DC-DC CONVERTER
2:1 WIDE INPUT RANGE
UP TO 12 Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
1600VDC INPUT TO OUTPUT ISOLATION
STANDARD 1.25 X 0.80 X 0.40 INCH 24 PIN DIP AND SMD PACKAGE
UL60950-1, EN60950-1, & IEC60950-1 SAFETY APPROVALS
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
DISTRIBUTED POWER ARCHITECTURES
SEMICONDUCTOR EQUIPMENT
1600VDC
ISOLATION
REMOTE
CONTROL
UVP
OCP
SCP
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25℃ otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
mA
mA
%
µ
F
FKC12-12S2P5
9 ~ 18
2.5
3500
50
82
2000
FKC12-12S3P3
9 ~ 18
3.3
3500
60
84
2000
FKC12-12S05
9 ~ 18
5.1
2400
53
86
2000
FKC12-12S12
9 ~ 18
12
1000
15
86
430
FKC12-12S15
9 ~ 18
15
800
17
86
300
FKC12-12D05
9 ~ 18
±5
±1200
24
82
±1250
FKC12-12D12
9 ~ 18
±12
±500
19
87
±200
FKC12-12D15
9 ~ 18
±15
±400
24
87
±120
FKC12-24S2P5
18 ~ 36
2.5
3500
36
83
2000
FKC12-24S3P3
18 ~ 36
3.3
3500
36
85
2000
FKC12-24S05
18 ~ 36
5.1
2400
35
87
2000
FKC12-24S12
18 ~ 36
12
1000
16
87
430
FKC12-24S15
18 ~ 36
15
800
17
87
300
FKC12-24D05
18 ~ 36
±5
±1200
15
83
±1250
FKC12-24D12
18 ~ 36
±12
±500
15
88
±200
FKC12-24D15
18 ~ 36
±15
±400
18
88
±120
FKC12-48S2P5
36 ~ 75
2.5
3500
10
83
2000
FKC12-48S3P3
36 ~ 75
3.3
3500
14
85
2000
FKC12-48S05
36 ~ 75
5.1
2400
23
87
2000
FKC12-48S12
36 ~ 75
12
1000
11
87
430
FKC12-48S15
36 ~ 75
15
800
5
87
300
FKC12-48D05
36 ~ 75
±5
±1200
6
83
±1250
FKC12-48D12
36 ~ 75
±12
±500
6
88
±200
FKC12-48D15
36 ~ 75
±15
±400
6
88
±120
PART NUMBER STRUCTURE
FKC12 - 48
S
05 - SMD
Series Name
Input
Output
Output
Mounting Type
Voltage
Quantity
Voltage
Option
(VDC)
(VDC)
12: 9~18
S:Single 2P5: 2.5
: DIP type
24:18~36
3P3: 3.3
SMD: SMD type
48:36~75
05: 5.1
12:12
15:15
D: Dual
05:
± 5
12:
±12
15:
±15


Similar Part No. - FKC12_14

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FKC12-12D05 P-DUKE-FKC12-12D05 Datasheet
273Kb / 3P
   12 WATTS OUTPUT POWER
logo
Make-Ps
FKC12-12D05 MAKE-PS-FKC12-12D05 Datasheet
602Kb / 3P
   Single & Dual Output DC/DC Converter
logo
Power Mate Technology C...
FKC12-12D05 P-DUKE-FKC12-12D05 Datasheet
515Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 12 Watts
FKC12-12D12 P-DUKE-FKC12-12D12 Datasheet
273Kb / 3P
   12 WATTS OUTPUT POWER
logo
Make-Ps
FKC12-12D12 MAKE-PS-FKC12-12D12 Datasheet
602Kb / 3P
   Single & Dual Output DC/DC Converter
More results

Similar Description - FKC12_14

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com