Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74AC195 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. HD74AC195
Description  4-bit Parallel-Access Shift Register
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74AC195 Datasheet(HTML) 1 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HD74AC195
4-bit Parallel-Access Shift Register
Description
This shift register features parallel inputs, parallel outputs, J-
K serial inputs, Shift/Load control input, and a
direct overriding clear. This shift register can operate in two modes: Parallel load; Shift from Q
0 towards
Q
3.
Parallel loading is accomplished by applying the four bits of data, and taking the
PE Input low. The data is
loaded into the associated flip-flops and appears at the outputs after the positive transition of the CP input.
During parallel loading, serial data flow is inhibited. Serial shifting occurs synchronously when the
PE
input is high. Serial data for this mode is entered at the J-
K inputs. These inputs allow the first stage to
perform as a J-
K or toggle flip-flop as shown in the function table.
Features
• Shift Right and Parallel Load Capability
• J-K (D-Type) Inputs to First Stage
• Complement Output from Last Stage
• Asynchronous Master Reset
• Outputs Source/Sink 24 mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74F195A4-bit parallel-access shift register 1 2 3 4 5 MoreNXP Semiconductors
HD74HC1954-bit Parallel-Access Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
SL74HC4015Dual 4-Bit Shift Register 1 2 3 4 5 MoreSystem Logic Semiconductor
74F3954-bit cascadable shift register 3-State 1 2 3 4 5 MoreNXP Semiconductors
74HC4015Dual 4-bit serial-in/parallel-out shift register 1 2 3 4 5 MoreNXP Semiconductors
CD40194BCMOS 4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER 1 2 3 4 5 MoreTexas Instruments
MM74HC1944-Bit Bidirectional Universal Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
CD4015BMDual 4-Bit Static Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
74LS194A4-Bit Bidirectional Universal Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
HD74AC1944-bit Bidirectional Unviersal Shift Register 1 2 3 4 5 MoreHitachi Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn