Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74AC195 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part No. HD74AC195
Description  4-bit Parallel-Access Shift Register
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74AC195 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HD74AC195
6
Capacitance
Item
Symbol
Typ
Unit
Condition
Input capacitance
C
IN
4.5
pF
V
CC = 5.5 V
Power dissipation capacitance
C
PD
125
pF
V
CC = 5.0 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74F195A4-bit parallel-access shift register 1 2 3 4 5 MoreNXP Semiconductors
HD74HC1954-bit Parallel-Access Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
SL74HC4015Dual 4-Bit Shift Register 1 2 3 4 5 MoreSystem Logic Semiconductor
74F3954-bit cascadable shift register 3-State 1 2 3 4 5 MoreNXP Semiconductors
74HC4015Dual 4-bit serial-in/parallel-out shift register 1 2 3 4 5 MoreNXP Semiconductors
CD40194BCMOS 4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER 1 2 3 4 5 MoreTexas Instruments
MM74HC1944-Bit Bidirectional Universal Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
CD4015BMDual 4-Bit Static Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
74LS194A4-Bit Bidirectional Universal Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
HD74AC1944-bit Bidirectional Unviersal Shift Register 1 2 3 4 5 MoreHitachi Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn