Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FED40-12S12 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # FED40-12S12
Description  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FED40-12S12 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  FED40-12S12 Datasheet HTML 1Page - Power Mate Technology Co., LTD FED40-12S12 Datasheet HTML 2Page - Power Mate Technology Co., LTD FED40-12S12 Datasheet HTML 3Page - Power Mate Technology Co., LTD FED40-12S12 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FED40
1
www.PDUKE.com
2014/4/30
FED40 SERIES
DC-DC CONVERTER
2:1 WIDE INPUT RANGE
UP TO 40 Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
1600VDC INPUT TO OUTPUT ISOLATION
STANDARD 2.00 X 1.00 X 0.40 INCH
SIX-SIDED CONTINUOUS SHIELD
SAFETY MEETS UL60950-1, EN60950-1, IEC60950-1, & EN50155
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
DISTRIBUTED POWER ARCHITECTURES
SEMICONDUCTOR EQUIPMENT
1600VDC
ISOLATION
REMOTE
CONTROL
UVP
OCP
SCP
OVP
OTP
LOW
STANDBY
POWER
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25
otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load (1)
Model
Number
VDC
VDC
mA
mA
%
µ
F
FED40-12S3P3
9 ~ 18
3.3
10000
20
90
26600
FED40-12S05
9 ~ 18
5
8000
20
91
20000
FED40-12S12
9 ~ 18
12
3333
20
91
3900
FED40-12S15
9 ~ 18
15
2666
20
91
2600
FED40-12S24
9 ~ 18
24
1666
20
91
1300
FED40-12D12
9 ~ 18
±12
±1666
20
90
± 2600
FED40-12D15
9 ~ 18
±15
±1333
20
91
± 1600
FED40-12D24
9 ~ 18
±24
±833
20
91
±650
FED40-24S3P3
18 ~ 36
3.3
10000
15
91
26600
FED40-24S05
18 ~ 36
5
8000
15
92
20000
FED40-24S12
18 ~ 36
12
3333
15
92
3900
FED40-24S15
18 ~ 36
15
2666
15
92
2600
FED40-24S24
18 ~ 36
24
1666
15
91
1300
FED40-24D12
18 ~ 36
±12
±1666
15
90
± 2600
FED40-24D15
18 ~ 36
±15
±1333
15
91
± 1600
FED40-24D24
18 ~ 36
±24
±833
15
91
±650
FED40-48S3P3
36 ~ 75
3.3
10000
10
91
26600
FED40-48S05
36 ~ 75
5
8000
10
92
20000
FED40-48S12
36 ~ 75
12
3333
10
92
3900
FED40-48S15
36 ~ 75
15
2666
10
92
2600
FED40-48S24
36 ~ 75
24
1666
10
92
1300
FED40-48D12
36 ~ 75
±12
±1666
10
91
± 2600
FED40-48D15
36 ~ 75
±15
±1333
10
91
± 1600
FED40-48D24
36 ~ 75
±24
±833
10
90
±650
PART NUMBER STRUCTURE
FED40 -
48
S
05
-
N
HS
Series Name
Input
Voltage
(VDC)
Output
Quantity
Output
Voltage
(VDC)
Remote Control
options
Heat-sink
S: Single
3P3:
05:
12:
15:
24:
3.3
5
12
15
24
12:
24:
48:
9~18
18~36
36~75
D: Dual
12:
15:
24:
±12
±15
±24
:
N:
Positive logic
Negative logic
:
HS:
HC:
No Heat-sink
Heat-sink
Heat-sink with Clamp


Similar Part No. - FED40-12S12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FED40-110D12W P-DUKE-FED40-110D12W Datasheet
341Kb / 4P
   DC-DC CONVERTER
FED40-110D15W P-DUKE-FED40-110D15W Datasheet
341Kb / 4P
   DC-DC CONVERTER
FED40-110D24W P-DUKE-FED40-110D24W Datasheet
341Kb / 4P
   DC-DC CONVERTER
FED40-110S05W P-DUKE-FED40-110S05W Datasheet
341Kb / 4P
   DC-DC CONVERTER
FED40-110S12W P-DUKE-FED40-110S12W Datasheet
341Kb / 4P
   DC-DC CONVERTER
More results

Similar Description - FED40-12S12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com