Electronic Components Datasheet Search |
|
FED30-24T3315W Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD |
|
FED30-24T3315W Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD |
1 / 3 page 1 www.PDUKE.com 2014/04/30 FED30TW SERIES DC-DC CONVERTER 4 : 1 ULTRA WIDE INPUT RANGE UP TO 30Watts FEATURES APPLICATIONS • 1600VDC INPUT TO OUTPUT ISOLATION • STANDARD 2.00 X 1.00 X 0.40 INCH • SIX-SIDED CONTINUOUS SHIELD • UL60950-1, EN60950-1, IEC60950-1, & EN50155 SAFETY APPROVALS • CE MARKED • COMPLIANT TO RoHS II & REACH • WIRELESS NETWORK • TELECOM/DATACOM • INDUSTRY CONTROL SYSTEM • DISTRIBUTED POWER ARCHITECTURES • SEMICONDUCTOR EQUIPMENT 1600VDC ISOLATION REMOTE CONTROL UVP OCP SCP OVP OTP TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25 otherwise noted ℃ Input Range Output Voltage Output Current @Full Load Input Current @ No Load Efficiency Maximum Capacitor Load(2) Min. Load (1) Full Load Model Number VDC VDC mA mA mA % µ F FED30-24T3312W 9 ~ 36 3.3 / ±12 500 / ±42 5000 / ±416 105 87 15000 / ±340 FED30-24T3315W 9 ~ 36 3.3 / ±15 500 / ±33 5000 / ±333 105 87 15000 / ±220 FED30-24T0512W 9 ~ 36 5 / ±12 400 / ±42 4000 / ±416 105 88 8000 / ±340 FED30-24T0515W 9 ~ 36 5 / ±15 400 / ±33 4000 / ±333 105 88 8000 / ±220 FED30-48T3312W 18 ~ 75 3.3 / ±12 500 / ±42 5000 / ±416 55 87 15000 / ±340 FED30-48T3315W 18 ~ 75 3.3 / ±15 500 / ±33 5000 / ±333 55 87 15000 / ±220 FED30-48T0512W 18 ~ 75 5 / ±12 400 / ±42 4000 / ±416 55 88 8000 / ±340 FED30-48T0515W 18 ~ 75 5 / ±15 400 / ±33 4000 / ±333 55 88 8000 / ±220 PART NUMBER STRUCTURE FED30 - 48 T 0515 W - N HS Series Name Input Voltage Output Quantity Output Voltage Input Range Remote Control Option Assembly Option Primary / Auxiliary (VDC) (VDC) 24: 48: 9~36 18~75 T: Triple 3312: 3315: 0512: 0515: 3.3 / ±12 3.3 / ±15 5 / ±12 5 / ±15 4:1 : N: Positive logic Negative logic : HS: HC: No assembly Heat-sink Heat-sink with Clamp INPUT SPECIFICATIONS Parameter Conditions Min. Typ. Max. Unit Operating input voltage range 24Vin(nom) 48Vin(nom) 9 18 24 48 36 75 VDC Input reflected ripple current 20 mAp-p Start up voltage 24Vin(nom) 48Vin(nom) 9 18 VDC Shutdown voltage 24Vin(nom) 48Vin(nom) 8 16 VDC Start up time Constant resistive load Power up Remote ON/OFF 30 30 ms Input surge voltage 100 ms, max. 24Vin(nom) 48 Vin(nom) 50 100 VDC Input filter Pi type Positive logic (Standard) DC-DC ON DC-DC OFF Open or 3 ~ 12VDC Short or 0 ~ 1.2VDC Referred to –Vin pin Negative logic (Option) DC-DC ON DC-DC OFF Short or 0 ~ 1.2VDC Open or 3 ~ 12VDC Remote ON/OFF Input current of Ctrl pin -0.5 +0.5 mA Remote off input current 3 mA |
Similar Part No. - FED30-24T3315W |
|
Similar Description - FED30-24T3315W |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |