Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74AC194 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part No. HD74AC194
Description  4-bit Bidirectional Unviersal Shift Register
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC194 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HD74AC194 Datasheet HTML 2Page - Hitachi Semiconductor HD74AC194 Datasheet HTML 3Page - Hitachi Semiconductor HD74AC194 Datasheet HTML 4Page - Hitachi Semiconductor HD74AC194 Datasheet HTML 5Page - Hitachi Semiconductor HD74AC194 Datasheet HTML 6Page - Hitachi Semiconductor HD74AC194 Datasheet HTML 7Page - Hitachi Semiconductor HD74AC194 Datasheet HTML 8Page - Hitachi Semiconductor HD74AC194 Datasheet HTML 9Page - Hitachi Semiconductor HD74AC194 Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HD74AC194
6
Capacitance
Item
Symbol
Typ
Unit
Condition
Input capacitance
C
IN
4.5
pF
V
CC = 5.5 V
Power dissipation capacitance
C
PD
100
pF
V
CC = 5.0 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CD40194B CMOS 4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER 1  2  3  4  5  More Texas Instruments
MM74HC194 4-Bit Bidirectional Universal Shift Register 1  2  3  4  5  More National Semiconductor (TI)
74LS194A 4-Bit Bidirectional Universal Shift Register 1  2  3  4  5  More National Semiconductor (TI)
MMC40104 4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER 1  2  3  4  Micro Electronics
HCC40104B 4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER 1  2  3  4  5  More STMicroelectronics
HEF40194B 4-bit bidirectional universal shift register 1  2  3  4  5  More NXP Semiconductors
DM74LS194A 4-Bit Bidirectional Universal Shift Register 1  2  3  4  5  More Fairchild Semiconductor
SN74AS195 4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER 1  2  3  4  5  More Texas Instruments
SN54LS194A 4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER 1  2  3  4  5  More Motorola, Inc
CD40104BMS CMOS 4-Bit Bidirectional Universal Shift Register 1  2  3  4  5  More Intersil Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn