Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEC40-48S05 Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD

Part # FEC40-48S05
Description  40 WATTS DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FEC40-48S05 Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD

  FEC40-48S05 Datasheet HTML 1Page - Power Mate Technology Co., LTD FEC40-48S05 Datasheet HTML 2Page - Power Mate Technology Co., LTD FEC40-48S05 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3
www.pduke.com
2013/09/13
FEC40 SERIES
40 WATTS
DC-DC CONVERTER
FEC40-48S05 DeratingCurve
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(
℃)
59.1
FEC40-48S05
Efficiency VS Output Load
45
50
55
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (% of Full Load)
MECHANICAL DRAWING
PIN CONNECTION
PIN
SINGLE
DUAL
DUAL POSITIVE
TRIPLE
1
+INPUT
+INPUT
+INPUT
+INPUT
2
-INPUT
-INPUT
-INPUT
-INPUT
3
CTRL
CTRL
CTRL
CTRL
4
NC
NO PIN
3.3V
+AUX
5
-SENSE (Note 7)
+OUTPUT
COMMON
COMMON
6
+SENSE (Note 7)
COMMON
NC
-AUX
7
+OUTPUT
COMMON
NC
+OUTPUT
8
-OUTPUT
-OUTPUT
5V
COMMON
9
TRIM
TRIM
COMMON
NC
FEC40-48S05 Derating Curve
With Heatsink (Note 10 )
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(
℃)
66.2
(Note 13)
FEC40-48S05
Efficiency VS Input Voltage
75%
77%
79%
81%
83%
85%
87%
89%
91%
36
40
44
48
52
56
60
64
68
72
INPUT VOLTAGE (V)
1. All dimensions in Inch (mm)
Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin pitch tolerance ±0.01(0.25)
3. Pin dimension tolerance ±0.004 (0.1)
5(8)
9(9)
TRIM UP
9(9)
6(5)
TRIM DOWN
Output can be externally trimmed by
using the method shown below.
(
) for dual output trim
EXTERNAL OUTPUT TRIMMING
RU
RD


Similar Part No. - FEC40-48S05

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
FEC40-48S05 ASTRODYNE-FEC40-48S05 Datasheet
633Kb / 4P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
logo
Volgen Kaga Electronics...
FEC40-48S05 VOLGEN-FEC40-48S05 Datasheet
262Kb / 2P
   40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
logo
Power Mate Technology C...
FEC40-48S05 P-DUKE-FEC40-48S05 Datasheet
356Kb / 4P
   40 WATTS MAXIMUM OUTPUT POWER
logo
Astrodyne Corporation
FEC40-48S05 ASTRODYNE-FEC40-48S05 Datasheet
499Kb / 4P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FEC40-48S05W P-DUKE-FEC40-48S05W Datasheet
272Kb / 3P
   40 WATTS MAXIMUM OUTPUT POWER
More results

Similar Description - FEC40-48S05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FEC40W P-DUKE-FEC40W_14 Datasheet
470Kb / 3P
   40 WATTS DC-DC CONVERTER
logo
List of Unclassifed Man...
FDC40 ETC1-FDC40 Datasheet
101Kb / 3P
   40 WATTS DC-DC CONVERTER
logo
Wall Industries,Inc.
DHW40 WALL-DHW40 Datasheet
796Kb / 12P
   40 Watts DC/DC Power Converter Single & Dual Outputs
logo
List of Unclassifed Man...
UM3500 ETC1-UM3500 Datasheet
96Kb / 2P
   40 Watts DC-DC Converters
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FED20 P-DUKE-FED20_14 Datasheet
1Mb / 3P
   20 WATTS DC-DC CONVERTER
QEB50 P-DUKE-QEB50_14 Datasheet
394Kb / 3P
   50 WATTS DC-DC CONVERTER
MKC03 P-DUKE-MKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com