Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEC60-48S24 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # FEC60-48S24
Description  60 WATTS DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FEC60-48S24 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  FEC60-48S24 Datasheet HTML 1Page - Power Mate Technology Co., LTD FEC60-48S24 Datasheet HTML 2Page - Power Mate Technology Co., LTD FEC60-48S24 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.pduke.com
2014/4/30
FEC60 SERIES
60 WATTS
DC-DC CONVERTER
Note
1.
MIL-HDBK-217F @Tc=70 ºC, Full load.
2.
Typical value at nominal input and full load. (20MHz BW.)
3.
Typical value at nominal input and no load.
4.
Typical value at nominal input and full load.
5.
Test by minimum input and constant resistive load.
6.
24VDC output maximum output deviation is +20%,-10% inclusive of remote sense and trim. Others maximum output deviation is 10% inclusive of
remote sense and trim. If remote sense is not being used, the +SENSE should be connected to its corresponding +OUTPUT and likewise the
-SENSE should be connected to its corresponding –OUTPUT.
7.
The CTRL pin voltage is referenced to -INPUT.
To order negative logic ON/OFF control add the suffix-N (Ex: FEC60-48S05-N).
8.
Test condition with vertical direction by natural convection.
9.
Heat-sink is optional and P/N
:7G-0026C-F.
10. The FEC60 series standard module meets EN55022 Class A and Class B with external components.
For more detail information, please contact with P-DUKE.
11. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220µF/100V.
CAUTION: This power module is not internally fused. An input line fuse must always be used.
Output Current
Model
Number
Input
Range
Output
Voltage
Min. load
Full load
Output
(2)
Ripple & Noise
No load
(3)
Input Current
Eff
(4)
(%)
Capacitor
(5)
Load max
FEC60-24S3P3
18 ~ 36 VDC
3.3 VDC
0mA
14000mA
75mVp-p
100mA
89
36000µF
FEC60-24S05
18 ~ 36 VDC
5 VDC
0mA
12000mA
75mVp-p
130mA
90
20400µF
FEC60-24S12
18 ~ 36 VDC
12 VDC
0mA
5000mA
100mVp-p
50mA
90
3550µF
FEC60-24S15
18 ~ 36 VDC
15 VDC
0mA
4000mA
100mVp-p
50mA
90
2300µF
FEC60-24S24
18 ~ 36 VDC
24VDC
0mA
2500mA
200mVp-p
50mA
89
885µF
FEC60-48S3P3
36 ~ 75 VDC
3.3 VDC
0mA
14000mA
75mVp-p
80mA
89
36000µF
FEC60-48S05
36 ~ 75 VDC
5 VDC
0mA
12000mA
75mVp-p
90mA
90
20400µF
FEC60-48S12
36 ~ 75 VDC
12 VDC
0mA
5000mA
100mVp-p
30mA
90
3550µF
FEC60-48S15
36 ~ 75 VDC
15 VDC
0mA
4000mA
100mVp-p
30mA
90
2300µF
FEC60-48S24
36 ~ 75 VDC
24VDC
0mA
2500mA
200mVp-p
30mA
89
885µF
FEC60-48S05 Derating Curve
FEC60-48S05 Derating Curve
With Heat-sink(Note 9)
FEC60-48S05
Efficiency VS Output Load
FEC60-48S05
Efficiency VS Input Volyage


Similar Part No. - FEC60-48S24

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FEC60-48S05 P-DUKE-FEC60-48S05 Datasheet
328Kb / 3P
   60 WATTS MAXIMUM OUTPUT POWER
FEC60-48S12 P-DUKE-FEC60-48S12 Datasheet
328Kb / 3P
   60 WATTS MAXIMUM OUTPUT POWER
FEC60-48S15 P-DUKE-FEC60-48S15 Datasheet
328Kb / 3P
   60 WATTS MAXIMUM OUTPUT POWER
FEC60-48S3P3 P-DUKE-FEC60-48S3P3 Datasheet
328Kb / 3P
   60 WATTS MAXIMUM OUTPUT POWER
More results

Similar Description - FEC60-48S24

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FED20 P-DUKE-FED20_14 Datasheet
1Mb / 3P
   20 WATTS DC-DC CONVERTER
QEB50 P-DUKE-QEB50_14 Datasheet
394Kb / 3P
   50 WATTS DC-DC CONVERTER
MKC03 P-DUKE-MKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
logo
XP Power Limited
RDF50 XPPOWER-RDF50 Datasheet
638Kb / 5P
   DC-DC Converter 50 Watts
RDH600 XPPOWER-RDH600 Datasheet
684Kb / 6P
   DC-DC Converter 600 Watts
logo
RSG Electronic Componen...
LCD10W RSG-LCD10W Datasheet
116Kb / 3P
   10 WATTS DC-DC CONVERTER
PDL03 RSG-PDL03 Datasheet
179Kb / 3P
   3 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com