Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FED20-12S3P3 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # FED20-12S3P3
Description  20 WATTS DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FED20-12S3P3 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  FED20-12S3P3 Datasheet HTML 1Page - Power Mate Technology Co., LTD FED20-12S3P3 Datasheet HTML 2Page - Power Mate Technology Co., LTD FED20-12S3P3 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.pduke.com
2014/4/30
FED20 SERIES
20 WATTS
DC-DC CONVERTER
INPUT SPECIFICATIONS
Input voltage range
12VDC nominal input
24VDC nominal input
48VDC nominal input
9 ~ 18VDC
18 ~ 36VDC
36 ~ 75VDC
Input filter
L-C type
Input surge voltage
12VDC input
24VDC input
48VDC input
36VDC 100ms, max.
50VDC 100ms, max.
100VDC 100ms, max.
Input reflected ripple current
20mAp-p
Start up time
Nominal input and
constant resistive load
Power up
Remote ON/OFF
10ms
10ms
Remote ON/OFF (Note 6)
(Positive logic)(Standard)
(Negative logic)(Option)
DC-DC ON
DC-DC OFF
DC-DC ON
DC-DC OFF
Open or 3V < Vr < 12V
Short or 0V < Vr < 1.2V
Short or 0V < Vr < 1.2V
Open or 3V < Vr < 12V
Input current of remote control pin
Nominal input
-0.5mA ~ +0.5mA
Remote off state input current
Nominal input
2.5mA
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature
-40ºC ~ +85ºC (with derating)
Maximum case temperature
100ºC
Storage temperature range
-55ºC ~ +125ºC
Thermal impedance (Note 7)
Natural convection
Natural convection with Heat-sink
12ºC/Watt
10ºC/Watt
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
EMI (Note 8)
EN55022
Class A, Class B
ESD
EN61000-4-2
Air
Contact
± 8kV
± 6kV
Perf. Criteria B
Radiated immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast transient (Note 9) EN61000-4-4
± 2kV Perf. Criteria A
Surge (Note 9)
EN61000-4-5
± 1kV Perf. Criteria B
Conducted immunity
EN61000-4-6
10 Vr.m.s
Perf. Criteria A
OUTPUT SPECIFICATIONS
Output power
20 Watts, max.
Voltage accuracy
± 1%
Minimum load
0%
Voltage adjustability
Single output
± 10%
Line regulation
LL to HL at Full Load
± 0.2%
Load regulation
No Load to Full Load
± 0.5%
Cross regulation (Dual) Asymmetrical load 25% / 100% FL
± 5%
Ripple and noise
20MHz bandwidth
(Measured with a 0.1µF/50V MLCC)
See table
Temperature coefficient
±0.02% / ºC, max.
Transient response recovery time
25% load step change
250µs
Over voltage protection
Zener diode clamp
1.5VDC output
1.8VDC output
2.5VDC output
3.3VDC output
5VDC output
12VDC output
15VDC output
3.9VDC
3.9VDC
3.9VDC
3.9VDC
6.2VDC
15VDC
18VDC
Over load protection
% of FL at nominal input
150%, max.
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input to Output
Input(Output) to case
1600VDC, min. 1minute
1600VDC, min. 1minute
Isolation resistance
500VDC
10
9
ohms, min.
Isolation capacitance
1000pF, max.
Switching frequency
500kHz±10%
Safety approvals
IEC60950-1, UL60950-1, & EN60950-1
Case material
Nickel-coated copper
Base material
Non-conductive black plastic
Potting material
Epoxy (UL94 V-0)
Dimensions
2.00 X 1.00 X 0.40 Inch
(50.8 X 25.4 X 10.2 mm)
Weight
27g (0.95oz)
MTBF (Note 1)
MIL-HDBK-217F
1.583 x 10
6 hrs
T E C H N I C A L S P E C I F I C A T I O N All specifications are typical at nominal input, full load and 25ºC otherwise noted
FEATURES
20 WATTS MAXIMUM OUTPUT POWER
OUTPUT CURRENT UP TO 6A
STANDARD 2.00 X 1.00 X 0.40 INCH PACKAGE
HIGH EFFICIENCY UP TO 89%
2:1 WIDE INPUT VOLTAGE RANGE
SIX-SIDED CONTINUOUS SHIELD
FIXED SWITCHING FREQUENCY
UL60950-1, EN60950-1, & IEC60950-1 SAFETY APPROVALS
CE MARKED
COMPLIANT TO RoHS II & REACH
OPTIONS
Negative logic Remote On/Off
DESCRIPTION
The FED20 series offer 20 watts of output power from a 2.00 x 1.00 x
0.40 inch package. The FED20 series with 2:1 wide input voltage of
9~18VDC, 18~36VDC and 36~75VDC and features 1600VDC of
isolation, short-circuit and over-voltage protection.
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment


Similar Part No. - FED20-12S3P3

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FED20-12S3P3 P-DUKE-FED20-12S3P3 Datasheet
247Kb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
More results

Similar Description - FED20-12S3P3

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FDC20W P-DUKE-FDC20W_14 Datasheet
347Kb / 3P
   20 WATTS DC-DC CONVERTER
logo
List of Unclassifed Man...
SDC20-48S05 ETC-SDC20-48S05 Datasheet
89Kb / 2P
   20 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
RED20W P-DUKE-RED20W_14 Datasheet
565Kb / 3P
   20 WATTS DC-DC CONVERTER
FED20W P-DUKE-FED20W_14 Datasheet
1Mb / 3P
   20 WATTS DC-DC CONVERTER
logo
Wall Industries,Inc.
DCMD20W WALL-DCMD20W Datasheet
343Kb / 5P
   20 Watts DC/DC Converter Single and Dual Output
MDW WALL-MDW_18 Datasheet
423Kb / 8P
   20 Watts DC/DC Converter Single and Dual Output
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
QEB50 P-DUKE-QEB50_14 Datasheet
394Kb / 3P
   50 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com