Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEC40-12S15 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # FEC40-12S15
Description  40 WATTS DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FEC40-12S15 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  FEC40-12S15 Datasheet HTML 1Page - Power Mate Technology Co., LTD FEC40-12S15 Datasheet HTML 2Page - Power Mate Technology Co., LTD FEC40-12S15 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.pduke.com
2013/09/13
FEC40 SERIES
40 WATTS
DC-DC CONVERTER
Note
1.
MIL-HDBK-217F @Ta=25 ºC, Full load.
2.
Typical value at nominal input and full load. (20MHZ BW.)
3.
Typical value at nominal input and no load.
4.
Typical value at nominal input and full load.
5.
Test by minimum input and constant resistive load.
6.
The output requires minimum loading on the output to maintain specified regulation. Operation in no-load condition will not damage these devices, however
they may not meet all listed specification.
7.
For the single output: Maximum output deviation is 10% inclusive of remote sense and trim. If remote sense is not being used, the +SENSE should be
connected to its corresponding +OUTPUT and likewise the -SENSE should be connected to its corresponding –OUTPUT.
8.
Load regulation for triple output:
Main output(V1):10 to 100% with 10% to 100% balanced on auxiliaries.
Auxiliary outputs(V2 and V3):10% to 100% balanced on all outputs.
9.
Cross regulation for dual output: asymmetrical load 25% / 100% FL.
Cross regulation for triple output:
Main output 100% load, auxiliary 100%,other auxiliary25% to 100%.
Auxiliary outputs(V2 and V3):main output 100% load, auxiliary 100%, other auxiliary 25% to 100% or main output 25%,auxiliary 25%,other auxiliary 25% to
100%.
10. The models of FEC40-XXD3305 are specified with a 1µF ceramic output capacitors.
11. Switching frequency for dual output: master (5VDC output) 300kHz slave (3.3VDC output) 500kHz
12. The CTRL pin voltage is referenced to -INPUT.
13. Heat-sink is optional and P/N
:7G-0026C-F.
14. The FEC40 series standard module meets EN55022 Class A and Class B with external components. For more detail information, please contact with P-DUKE.
15. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220µF/100V.
16. Any condition of dual output (3.3VDC output / 5VDC output) rated Iout current, not to exceed 8A of total output currents. The product safety approval pending.
CAUTION: This power module is not internally fused. An input line fuse must always be used.
Output Current
Model
Number
Input
Range
Output
Voltage
Min. load
Full load
Output
(2)
Ripple & Noise
No load
(3)
Input Current
Eff
(4)
(%)
Capacitor
(5)
Load max
FEC40-12S1P5
9 ~ 18 VDC
1.5 VDC
0mA
8000mA
50mVp-p
110mA
84
45000µF
FEC40-12S1P8
9 ~ 18 VDC
1.8 VDC
0mA
8000mA
50mVp-p
110mA
82
37700µF
FEC40-12S2P5
9 ~ 18 VDC
2.5 VDC
0mA
8000mA
50mVp-p
110mA
84
27000µF
FEC40-12S3P3
9 ~ 18 VDC
3.3 VDC
0mA
8000mA
50mVp-p
175mA
86
21000µF
FEC40-12S05
9 ~ 18 VDC
5 VDC
0mA
8000mA
50mVp-p
225mA
86
13600µF
FEC40-12S12
9 ~ 18 VDC
12 VDC
0mA
3333mA
75mVp-p
255mA
86
2360µF
FEC40-12S15
9 ~ 18 VDC
15 VDC
0mA
2666mA
75mVp-p
310mA
87
1510µF
FEC40-12D12
9 ~ 18 VDC
± 12 VDC
± 144mA
± 1800mA
120mVp-p
30mA
85
± 1200µF
FEC40-12D15
9 ~ 18 VDC
± 15 VDC
± 112mA
± 1400mA
150mVp-p
35mA
85
± 750µF
FEC40-12D3305
9 ~ 18 VDC
3.3 / 5 VDC
0mA
4A / 4A (total 8A)
(16)
100mVp-p
325mA
85
11000 / 6800µF
FEC40-12T3312
9 ~ 18 VDC 3.3 /
±12 VDC 600mA / ±40mA 6000mA / ±400mA
50 / 75mVp-p
215mA
84
13000 /
±330µF
FEC40-12T3315
9 ~ 18 VDC 3.3 /
±15 VDC 600mA / ±30mA 6000mA / ±300mA
50 / 75mVp-p
230mA
84
13000 /
±110µF
FEC40-12T0512
9 ~ 18 VDC
5 /
±12 VDC 600mA / ±40mA 6000mA / ±400mA
50 / 75mVp-p
280mA
86
6800 /
±330µF
FEC40-12T0515
9 ~ 18 VDC
5 /
±15 VDC 600mA / ±30mA 6000mA / ±300mA
50 / 75mVp-p
255mA
86
6800 /
±110µF
FEC40-24S1P5
18 ~ 36 VDC
1.5 VDC
0mA
8000mA
50mVp-p
40mA
81
45000µF
FEC40-24S1P8
18 ~ 36 VDC
1.8 VDC
0mA
8000mA
50mVp-p
40mA
83
37700µF
FEC40-24S2P5
18 ~ 36 VDC
2.5 VDC
0mA
8000mA
50mVp-p
40mA
86
27000µF
FEC40-24S3P3
18 ~ 36 VDC
3.3 VDC
0mA
8000mA
50mVp-p
60mA
87
21000µF
FEC40-24S05
18 ~ 36 VDC
5 VDC
0mA
8000mA
50mVp-p
80mA
89
13600µF
FEC40-24S12
18 ~ 36 VDC
12 VDC
0mA
3333mA
75mVp-p
70mA
88
2360µF
FEC40-24S15
18 ~ 36 VDC
15 VDC
0mA
2666mA
75mVp-p
85mA
89
1510µF
FEC40-24D12
18 ~ 36 VDC
± 12 VDC
± 144mA
± 1800mA
120mVp-p
20mA
87
± 1200µF
FEC40-24D15
18 ~ 36 VDC
± 15 VDC
± 112mA
± 1400mA
150mVp-p
20mA
87
± 750µF
FEC40-24D3305 18 ~ 36 VDC
3.3 / 5 VDC
0mA
4A / 4A (total 8A)
(16)
100mVp-p
80mA
86
11000 / 6800µF
FEC40-24T3312 18 ~ 36 VDC 3.3 /
±12 VDC 600mA / ±40mA 6000mA / ±400mA
50 / 75mVp-p
65mA
85
13000 /
±330µF
FEC40-24T3315 18 ~ 36 VDC 3.3 /
±15 VDC 600mA / ±30mA 6000mA / ±300mA
50 / 75mVp-p
65mA
85
13000 /
±110µF
FEC40-24T0512 18 ~ 36 VDC 5 /
±12 VDC 600mA / ±40mA 6000mA / ±400mA
50 / 75mVp-p
60mA
87
6800 /
±330µF
FEC40-24T0515 18 ~ 36 VDC 5 /
±15 VDC 600mA / ±30mA 6000mA / ±300mA
50 / 75mVp-p
75mA
87
6800 /
±110µF
FEC40-48S1P5
36 ~ 75 VDC
1.5 VDC
0mA
8000mA
50mVp-p
25mA
82
45000µF
FEC40-48S1P8
36 ~ 75 VDC
1.8 VDC
0mA
8000mA
50mVp-p
25mA
84
37700µF
FEC40-48S2P5
36 ~ 75 VDC
2.5 VDC
0mA
8000mA
50mVp-p
25mA
86
27000µF
FEC40-48S3P3
36 ~ 75 VDC
3.3 VDC
0mA
8000mA
50mVp-p
35mA
88
21000µF
FEC40-48S05
36 ~ 75 VDC
5 VDC
0mA
8000mA
50mVp-p
40mA
90
13600µF
FEC40-48S12
36 ~ 75 VDC
12 VDC
0mA
3333mA
75mVp-p
50Ma
89
2360µF
FEC40-48S15
36 ~ 75 VDC
15 VDC
0mA
2666mA
75mVp-p
50mA
89
1510µF
FEC40-48D12
36 ~ 75 VDC
± 12 VDC
± 144mA
± 1800mA
120mVp-p
15mA
87
± 1200µF
FEC40-48D15
36 ~ 75 VDC
± 15 VDC
± 112mA
± 1400mA
150mVp-p
15mA
87
± 750µF
FEC40-48D3305 36 ~ 75 VDC
3.3 / 5 VDC
0mA
4A / 4A (total 8A)
(16)
100mVp-p
45mA
88
11000 / 6800µF
FEC40-48T3312 36 ~ 75 VDC 3.3 /
±12 VDC 600mA / ±40mA 6000mA / ±400mA
50 / 75mVp-p
35mA
86
13000 /
±330µF
FEC40-48T3315 36 ~ 75 VDC 3.3 /
±15 VDC 600mA / ±30mA 6000mA / ±300mA
50 / 75mVp-p
35mA
86
13000 /
±110µF
FEC40-48T0512 36 ~ 75 VDC 5 /
±12 VDC 600mA / ±40mA 6000mA / ±400mA
50 / 75mVp-p
30mA
88
6800 /
±330µF
FEC40-48T0515 36 ~ 75 VDC 5 /
±15 VDC 600mA / ±30mA 6000mA / ±300mA
50 / 75mVp-p
40mA
88
6800 /
±110µF


Similar Part No. - FEC40-12S15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FEC40-12S15 ETC-FEC40-12S15 Datasheet
148Kb / 2P
   OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT
logo
Power Mate Technology C...
FEC40-12S15 P-DUKE-FEC40-12S15 Datasheet
356Kb / 4P
   40 WATTS MAXIMUM OUTPUT POWER
More results

Similar Description - FEC40-12S15

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FEC40W P-DUKE-FEC40W_14 Datasheet
470Kb / 3P
   40 WATTS DC-DC CONVERTER
logo
List of Unclassifed Man...
FDC40 ETC1-FDC40 Datasheet
101Kb / 3P
   40 WATTS DC-DC CONVERTER
logo
Wall Industries,Inc.
DHW40 WALL-DHW40 Datasheet
796Kb / 12P
   40 Watts DC/DC Power Converter Single & Dual Outputs
logo
List of Unclassifed Man...
UM3500 ETC1-UM3500 Datasheet
96Kb / 2P
   40 Watts DC-DC Converters
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FED20 P-DUKE-FED20_14 Datasheet
1Mb / 3P
   20 WATTS DC-DC CONVERTER
QEB50 P-DUKE-QEB50_14 Datasheet
394Kb / 3P
   50 WATTS DC-DC CONVERTER
MKC03 P-DUKE-MKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com