Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DUR01-15S05 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # DUR01-15S05
Description  1WATTS DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

DUR01-15S05 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  DUR01-15S05 Datasheet HTML 1Page - Power Mate Technology Co., LTD DUR01-15S05 Datasheet HTML 2Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2 of 2
www.pduke.com
2014/4/30
DUR01 SERIES
1WATTS
DC-DC CONVERTER
MECHANICAL DRAWING:
STANDARD
PIN
SINGLE
1
-INPUT
2
+INPUT
3
-OUTPUT
4
+OUTPUT
Output Current
Model
Number
Input
Range
Output
Voltage
Min. load
Full load
Output
(3)
Ripple & Noise
No load
(2)
Input Current
Eff
(3)
(%)
Capacitor
Load max
(4)
DUR01-33S33
3.0 – 3.6 VDC
3.3 VDC
30.3mA
303mA
100mVp-p
42mA
68
150μF
DUR01-33S05
3.0 – 3.6 VDC
5 VDC
20mA
200mA
100mVp-p
38mA
70
100μF
DUR01-33S09
3.0 – 3.6 VDC
9 VDC
11.1mA
111mA
100mVp-p
45mA
71
22μF
DUR01-33S12
3.0 – 3.6 VDC
12 VDC
8.4mA
84mA
100mVp-p
45mA
72
47μF
DUR01-33S15
3.0 – 3.6 VDC
15 VDC
6.6mA
66mA
100mVp-p
45mA
75
33μF
DUR01-05S33
4.5 – 5.5 VDC
3.3 VDC
30.3mA
303mA
100mVp-p
25mA
68
150μF
DUR01-05S05
4.5 – 5.5 VDC
5 VDC
20mA
200mA
100mVp-p
25mA
70
100μF
DUR01-05S09
4.5 – 5.5 VDC
9 VDC
11.1mA
111mA
100mVp-p
25mA
74
22μF
DUR01-05S12
4.5 – 5.5 VDC
12 VDC
8.4mA
84mA
100mVp-p
25mA
78
47μF
DUR01-05S15
4.5 – 5.5 VDC
15 VDC
6.6mA
66mA
100mVp-p
24mA
80
33μF
DUR01-09S09
8.1 – 9.9 VDC
9 VDC
11.1mA
111mA
100mVp-p
20mA
74
22μF
DUR01-12S33 10.8 – 13.2 VDC
3.3 VDC
30.3mA
303mA
100mVp-p
14mA
68
150μF
DUR01-12S05 10.8 – 13.2 VDC
5 VDC
20mA
200mA
100mVp-p
10mA
70
100μF
DUR01-12S09 10.8 – 13.2 VDC
9 VDC
11.1mA
111mA
100mVp-p
13mA
74
22μF
DUR01-12S12 10.8 – 13.2 VDC
12 VDC
8.4mA
84mA
100mVp-p
14mA
78
47μF
DUR01-12S15 10.8 – 13.2 VDC
15 VDC
6.6mA
66mA
100mVp-p
13mA
80
33μF
DUR01-15S33 13.5 – 16.5 VDC
3.3 VDC
30.3mA
303mA
100mVp-p
9mA
68
150μF
DUR01-15S05 13.5 – 16.5 VDC
5 VDC
20mA
200mA
100mVp-p
9mA
70
100μF
DUR01-15S09 13.5 – 16.5 VDC
9 VDC
11.1mA
111mA
100mVp-p
9mA
74
22μF
DUR01-15S12 13.5 – 16.5 VDC
12 VDC
8.4mA
84mA
100mVp-p
8mA
78
47μF
DUR01-15S15 13.5 – 16.5 VDC
15 VDC
6.6mA
66mA
100mVp-p
9mA
80
33μF
DUR01-24S33 21.6 – 26.4 VDC
3.3 VDC
30.3mA
303mA
100mVp-p
6mA
70
150μF
DUR01-24S05 21.6 – 26.4 VDC
5 VDC
20mA
200mA
100mVp-p
6mA
70
100μF
DUR01-24S09 21.6 – 26.4 VDC
9 VDC
11.1mA
111mA
100mVp-p
6mA
74
22μF
DUR01-24S12 21.6 – 26.4 VDC
12 VDC
8.4mA
84mA
100mVp-p
5mA
78
47μF
DUR01-24S15 21.6 – 26.4 VDC
15 VDC
6.6mA
66mA
100mVp-p
6mA
80
33μF
Note
1. BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment).
2. Typical value at nominal input voltage and no load.
3. Typical value at nominal input voltage and full load.
4. Test by minimum Vin and constant resistive load.
5. The output requires a minimum loading on the output to maintain specified regulation.
Operation under no-load condition will not damage these devices, however they may not
meet all listed specification.
CAUTION:
This power module is not internally fused. An input line fuse must always be
used.
1. All dimensions in Inch (mm)
Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin pitch tolerance ±0.014 (0.35)
3. Pin dimension tolerance ±0.004 (0.1)


Similar Part No. - DUR01-15S05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DUR01-15S05 ETC-DUR01-15S05 Datasheet
90Kb / 2P
   standard building blocks for on-board distributed power
logo
Power Mate Technology C...
DUR01-15S05 P-DUKE-DUR01-15S05 Datasheet
235Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
RSG Electronic Componen...
DUR01-15S05 RSG-DUR01-15S05 Datasheet
159Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
More results

Similar Description - DUR01-15S05

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com