Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC20-12D05 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # FDC20-12D05
Description  20 WATTS DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FDC20-12D05 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  FDC20-12D05 Datasheet HTML 1Page - Power Mate Technology Co., LTD FDC20-12D05 Datasheet HTML 2Page - Power Mate Technology Co., LTD FDC20-12D05 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.pduke.com
2014/4/30
FDC20(W) SERIES
20 WATTS
DC-DC CONVERTER
(12)
FDC20-24D3305 and FDC20-48D3305, Output 3.3V(3A)/5V(2A), Detail Spec. Contact Factory.
Note
1.
MIL-HDBK-217F @Ta=25 ºC, Full load.
2.
Typical value at nominal input and full load. (20MHZ BW.)
3.
Typical value at nominal input and no load.
4.
Typical value at nominal input and full load.
5.
Test by minimum input and constant resistive load.
6.
The output requires a minimum loading on the output to maintain specified regulation. Operation under no-load condition will not damage these
devices, however they may not meet all listed specification.
7.
Cross regulation : Dual output—Asymmetrical load 25% to 100% full load
Triple output – 3.3VDC output / 5VDC output 100% load and one of auxiliary 100% load, other auxiliary load change from 25% to 100% load
8.
The CTRL pin voltage is referenced to -INPUT
9.
Heat-sink is optional and P/N: 7G-0011C-F and the operation temperature range please see curve.
10. The FDC20 series standard module meets EN55022 Class A and Class B with external components.
For more detail information, please contact with P-DUKE.
11. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220
μF/100V.
12. The FDC20-24D3305 and FDC20-48D3305 are safety approval pending.
CAUTION: This power module is not internally fused. An input line fuse must always be used.
Output Current
Model
Number
Input Range
Output
Voltage
Min. load
Full load
Output
(2)
Ripple & Noise
No load
(3)
Input Current
Eff
(4)
(%)
Capacitor
(5)
Load max
FDC20-12S33
9 ~ 18 VDC
3.3 VDC
280mA
4000mA
75mVp-p
40mA
77
13000µF
FDC20-12S05
9 ~ 18 VDC
5 VDC
280mA
4000mA
75mVp-p
15mA
80
6800µF
FDC20-12S12
9 ~ 18 VDC
12 VDC
134mA
1670mA
75mVp-p
40mA
83
2200µF
FDC20-12S15
9 ~ 18 VDC
15 VDC
106mA
1330mA
75mVp-p
20mA
84
755µF
FDC20-12D05
9 ~ 18 VDC
± 5 VDC
± 140mA
± 2000mA
100mVp-p
15mA
82
± 3400µF
FDC20-12D12
9 ~ 18 VDC
± 12 VDC
± 67mA
± 833mA
100mVp-p
35mA
83
± 680µF
FDC20-12D15
9 ~ 18 VDC
± 15 VDC
± 53mA
± 666mA
100mVp-p
35mA
83
± 450µF
FDC20-12T3312
9 ~ 18 VDC
3.3 / ± 12 VDC
300 / ± 30mA
3000 / ± 300mA
50/ ± 120mVp-p
20mA
79
4700 / ± 220µ
F
FDC20-12T3315
9 ~ 18 VDC
3.3 / ± 15 VDC
300 / ± 25mA
3000 / ± 250mA
50/ ± 150mVp-p
35mA
79
4700 / ± 220µ
F
FDC20-12T0512
9 ~ 18 VDC
5 / ± 12 VDC
200 / ± 30mA
2000 / ± 300mA
50/ ± 120mVp-p
20mA
80
4700 / ± 220µ
F
FDC20-12T0515
9 ~ 18 VDC
5 / ± 15 VDC
200 / ± 25mA
2000 / ± 250mA
50/ ± 150mVp-p
40mA
80
4700 / ± 220µ
F
FDC20-24S33 (W) 18 ~ 36 (9 ~ 36) VDC
3.3 VDC
280mA
4000mA
75mVp-p
10(20)mA
79 (76)
13000µF
FDC20-24S05 (W) 18 ~ 36 (9 ~ 36) VDC
5 VDC
280mA
4000mA
75mVp-p
10(10)mA
81 (79)
6800µF
FDC20-24S12 (W) 18 ~ 36 (9 ~ 36) VDC
12 VDC
134mA
1670mA
75mVp-p
10(20)mA
86 (81)
2200µF
FDC20-24S15 (W) 18 ~ 36 (9 ~ 36) VDC
15 VDC
106mA
1330mA
75mVp-p
15(20)mA
86 (81)
755µF
FDC20-24D05 (W) 18 ~ 36 (9 ~ 36) VDC
± 5 VDC
± 140mA
± 2000mA
100mVp-p
20(15)mA
85 (79)
± 3400µF
FDC20-24D12 (W) 18 ~ 36 (9 ~ 36) VDC
± 12 VDC
± 67mA
± 833mA
100mVp-p
25(20)mA
86 (82)
± 680µF
FDC20-24D15 (W) 18 ~ 36 (9 ~ 36) VDC
± 15 VDC
± 53mA
± 666mA
100mVp-p
30(25)mA
86 (82)
± 450µF
FDC20-24T3312
18 ~ 36 VDC
3.3 / ± 12 VDC
300 / ± 30mA
3000 / ± 300mA
50/ ± 120mVp-p
20mA
82
4700 / ± 220µ
F
FDC20-24T3315
18 ~ 36 VDC
3.3 / ± 15 VDC
300 / ± 25mA
3000 / ± 250mA
50/ ± 150mVp-p
20mA
79
4700 / ± 220µ
F
FDC20-24T0512
18 ~ 36 VDC
5 / ± 12 VDC
200 / ± 30mA
2000 / ± 300mA
50/ ± 120mVp-p
25mA
83
4700 / ± 220µ
F
FDC20-24T0515
18 ~ 36 VDC
5 / ± 15 VDC
200 / ± 25mA
2000 / ± 250mA
50/ ± 150mVp-p
10mA
83
4700 / ± 220µ
F
FDC20-48S33 (W) 36 ~ 75 (18 ~ 75) VDC
3.3 VDC
280mA
4000mA
75mVp-p
10(15)mA
79 (77)
13000µF
FDC20-48S05 (W) 36 ~ 75 (18 ~ 75) VDC
5 VDC
280mA
4000mA
75mVp-p
10(10)mA
82 (80)
6800µF
FDC20-48S12 (W) 36 ~ 75 (18 ~ 75) VDC
12 VDC
134mA
1670mA
75mVp-p
15(10)mA
86 (82)
2200µF
FDC20-48S15 (W) 36 ~ 75 (18 ~ 75) VDC
15 VDC
106mA
1330mA
75mVp-p
25(10)mA
86 (82)
755µF
FDC20-48D05 (W) 36 ~ 75 (18 ~ 75) VDC
± 5 VDC
± 140mA
± 2000mA
100mVp-p
15(10)mA
85 (81)
± 3400µF
FDC20-48D12 (W) 36 ~ 75 (18 ~ 75) VDC
± 12 VDC
± 67mA
± 833mA
100mVp-p
15(15)mA
87 (83)
± 680µF
FDC20-48D15 (W) 36 ~ 75 (18 ~ 75) VDC
± 15 VDC
± 53mA
± 666mA
100mVp-p
20(20)mA
87 (83)
± 450µF
FDC20-48T3312
36 ~ 75 VDC
3.3 / ± 12 VDC
300 / ± 30mA
3000 / ± 300mA
50/ ± 120mVp-p
10mA
82
4700 / ± 220µ
F
FDC20-48T3315
36 ~ 75 VDC
3.3 / ± 15 VDC
300 / ± 25mA
3000 / ± 250mA
50/ ± 150mVp-p
10mA
82
4700 / ± 220µ
F
FDC20-48T0512
36 ~ 75 VDC
5 / ± 12 VDC
200 / ± 30mA
2000 / ± 300mA
50/ ± 120mVp-p
15mA
84
4700 / ± 220µ
F
FDC20-48T0515
36 ~ 75 VDC
5 / ± 15 VDC
200 / ± 25mA
2000 / ± 250mA
50/ ± 150mVp-p
15mA
84
4700 / ± 220µ
F


Similar Part No. - FDC20-12D05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDC20-12D05 ETC2-FDC20-12D05 Datasheet
600Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
FDC20-12D05 ASTRODYNE-FDC20-12D05 Datasheet
600Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FDC20-12D05 P-DUKE-FDC20-12D05 Datasheet
278Kb / 3P
   20 WATTS OUTPUT POWER
logo
Astrodyne Corporation
FDC20-12D05 ASTRODYNE-FDC20-12D05 Datasheet
202Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
More results

Similar Description - FDC20-12D05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FED20 P-DUKE-FED20_14 Datasheet
1Mb / 3P
   20 WATTS DC-DC CONVERTER
logo
List of Unclassifed Man...
SDC20-48S05 ETC-SDC20-48S05 Datasheet
89Kb / 2P
   20 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
RED20W P-DUKE-RED20W_14 Datasheet
565Kb / 3P
   20 WATTS DC-DC CONVERTER
FED20W P-DUKE-FED20W_14 Datasheet
1Mb / 3P
   20 WATTS DC-DC CONVERTER
logo
Wall Industries,Inc.
DCMD20W WALL-DCMD20W Datasheet
343Kb / 5P
   20 Watts DC/DC Converter Single and Dual Output
MDW WALL-MDW_18 Datasheet
423Kb / 8P
   20 Watts DC/DC Converter Single and Dual Output
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
QEB50 P-DUKE-QEB50_14 Datasheet
394Kb / 3P
   50 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com