Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC20W Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD

Part # FDC20W
Description  20 WATTS DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FDC20W Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD

  FDC20W_14 Datasheet HTML 1Page - Power Mate Technology Co., LTD FDC20W_14 Datasheet HTML 2Page - Power Mate Technology Co., LTD FDC20W_14 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3
www.pduke.com
2014/4/30
FDC20(W) SERIES
20 WATTS
DC-DC CONVERTER
FDC20-48S05
Efficiency VS Input Voltage
75%
77%
79%
81%
83%
85%
36
40
44
48
52
56
60
64
68
72
INPUT VOLTAGE (V)
FDC20-48S05
Efficiency VS Output Load
45
50
55
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (% of Full Load)
MECHANICAL DRAWING
PIN CONNECTION
PIN
SINGLE
DUAL
TRIPLE
1
+INPUT
+INPUT
+INPUT
2
-INPUT
-INPUT
-INPUT
4
CTRL
CTRL
CTRL
5
NO PIN
+OUTPUT
+ AUXILIARY
6
+OUTPUT
COMMON
+3.3V / +5V
7
-OUTPUT
-OUTPUT
COMMON
8
TRIM
TRIM
- AUXILIARY
FDC20-48S05 Derating Curve
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(
℃)
56.1
FDC20-48S05 Derating Curve
With Heatsink (Note 5 )
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(
℃)
63.8
(Note 9)
1. All dimensions in Inch (mm)
Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin pitch tolerance ±0.01(0.25)
3. Pin dimension tolerance ±0.004 (0.1)
7(7)
8(8)
TRIM UP
8(8)
6(5)
TRIM DOWN
Output can be externally trimmed by
using the method shown below.
(
) for dual output trim
EXTERNAL OUTPUT TRIMMING
RU
RD


Similar Part No. - FDC20W_14

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
FDC20 ASTRODYNE-FDC20 Datasheet
600Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
FDC20-12D05 ETC2-FDC20-12D05 Datasheet
600Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
FDC20-12D05 ASTRODYNE-FDC20-12D05 Datasheet
600Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FDC20-12D05 P-DUKE-FDC20-12D05 Datasheet
278Kb / 3P
   20 WATTS OUTPUT POWER
logo
Astrodyne Corporation
FDC20-12D05 ASTRODYNE-FDC20-12D05 Datasheet
202Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
More results

Similar Description - FDC20W_14

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FED20 P-DUKE-FED20_14 Datasheet
1Mb / 3P
   20 WATTS DC-DC CONVERTER
logo
List of Unclassifed Man...
SDC20-48S05 ETC-SDC20-48S05 Datasheet
89Kb / 2P
   20 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
RED20W P-DUKE-RED20W_14 Datasheet
565Kb / 3P
   20 WATTS DC-DC CONVERTER
FED20W P-DUKE-FED20W_14 Datasheet
1Mb / 3P
   20 WATTS DC-DC CONVERTER
logo
Wall Industries,Inc.
DCMD20W WALL-DCMD20W Datasheet
343Kb / 5P
   20 Watts DC/DC Converter Single and Dual Output
MDW WALL-MDW_18 Datasheet
423Kb / 8P
   20 Watts DC/DC Converter Single and Dual Output
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
QEB50 P-DUKE-QEB50_14 Datasheet
394Kb / 3P
   50 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com