Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DU1P0-05S05 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # DU1P0-05S05
Description  1 WATTS DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

DU1P0-05S05 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  DU1P0-05S05 Datasheet HTML 1Page - Power Mate Technology Co., LTD DU1P0-05S05 Datasheet HTML 2Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
www.pduke.com
2014/4/30
DU1P0 SERIES
1 WATTS
DC-DC CONVERTER
OUTPUT SPECIFICATIONS
Output power
1 Watt, max.
Voltage accuracy
± 5%
Minimum load (Note 5)
10% of FL
Line regulation
LL to HL at Full Load
1.3% / 1% of Vin
Load regulation
20% to 100% FL
5V output
others
± 10%
± 8%
Ripple and noise
20MHz bandwidth
See table
Temperature coefficient
±0.1% / ºC, max.
Short circuit protection (Note 6)
1 Sec, max.
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input to Output
Standard 1000VDC, min. 1minute
Suffix-N
3000VDC, min. 1minute
Isolation resistance
500VDC
10
9
ohms, min.
Isolation capacitance
30pF, max.
Switching frequency
60kHz, min.
Safety approvals
IEC60950-1, UL60950-1, & EN60950-1
Case material
Non-conductive black plastic
Base material
None
Potting material
Epoxy (UL94 V-0)
Dimensions
0.77 X 0.24 X 0.40 Inch
(19.6 X 6.1 X 10.2 mm)
Weight
2.0g (0.071oz)
MTBF (Note 1)
MIL-HDBK-217F
2.019 x 10
7 hrs
INPUT SPECIFICATIONS
Input voltage range
5VDC nominal input
12VDC nominal input
15VDC nominal input
24VDC nominal input
4.5 ~ 5.5VDC
10.8 ~ 13.2VDC
13.5 ~ 16.5VDC
21.6 ~ 26.4VDC
Input filter
C type
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature
-25ºC ~ +85ºC
(with derating)
Storage temperature range
-55ºC ~ +125ºC
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
T E C H N I C A L S P E C I F I C A T I O N All specifications are typical at nominal input, full load and 25ºC otherwise noted
FEATURES
1 WATT UNREGULATED OUTPUT POWER
OUTPUT CURRENT UP TO 0.2A
SINGLE -IN-LINE PACKAGE (SIP)
HIGH EFFICIENCY FOR LOW POWER APPLICATION
INPUT RANGE FROM 4.5VDC TO 5.5VDC, 10.8VDC TO 13.2 VDC,
13.5VDC TO 16.5VDC AND 21.6VDC TO 26.4VDC
UL 94-V0 NON-CONDUCTED CASE
INTERNAL INPUT & OUTPUT FILTER
INPUT TO OUTPUT ISOLATION UP:3kVDC, MIN.
SUFFIX-N ISOLATION LEVEL REINFORCE
UL60950-1, EN60950-1, & IEC60950-1 SAFETY APPROVALS
CE MARKED
COMPLIANT TO RoHS II & REACH
OPTION
3kVDC ISOLATION
DESCRIPTION
The DU1P0 series are the standard building blocks for on-board
distributed power systems. They are ideally suited to provide single and
dual supplies on primarily digital boards with added benefit of galvanic
isolation to reduce switching noise.
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment


Similar Part No. - DU1P0-05S05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DU1P0-05S05 ETC-DU1P0-05S05 Datasheet
88Kb / 2P
   1 WATT DC-DC CONVERTER
logo
Astrodyne Corporation
DU1P0-05S05 ASTRODYNE-DU1P0-05S05 Datasheet
374Kb / 3P
   Isolated and Unregulated 1 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
DU1P0-05S05 P-DUKE-DU1P0-05S05 Datasheet
233Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
RSG Electronic Componen...
DU1P0-05S05 RSG-DU1P0-05S05 Datasheet
150Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
Astrodyne Corporation
DU1P0-05S05 ASTRODYNE-DU1P0-05S05 Datasheet
171Kb / 3P
   Isolated and Unregulated 1 WATT Modular DC/DC Converters
More results

Similar Description - DU1P0-05S05

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FED20 P-DUKE-FED20_14 Datasheet
1Mb / 3P
   20 WATTS DC-DC CONVERTER
QEB50 P-DUKE-QEB50_14 Datasheet
394Kb / 3P
   50 WATTS DC-DC CONVERTER
MKC03 P-DUKE-MKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
logo
XP Power Limited
RDF50 XPPOWER-RDF50 Datasheet
638Kb / 5P
   DC-DC Converter 50 Watts
RDH600 XPPOWER-RDH600 Datasheet
684Kb / 6P
   DC-DC Converter 600 Watts
logo
RSG Electronic Componen...
LCD10W RSG-LCD10W Datasheet
116Kb / 3P
   10 WATTS DC-DC CONVERTER
PDL03 RSG-PDL03 Datasheet
179Kb / 3P
   3 WATTS DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com