Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74AC165 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part No. HD74AC165
Description  Parallel-Load 8-bit Shift Register
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74AC165 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
HD74AC165/HD74ACT165
6
AC Operating Requirements: HD74AC165
Ta = +25
°C
C
L = 50 pF
Ta = –40
°C
to +85
°C
C
L = 50 pF
Item
Symbol
V
CC (V)*
1
Typ
Guaranteed Minimum
Unit
Setup time, HIGH or LOW
t
su
3.3
3.5
5.0
6.0
ns
H to S
L
5.0
2.5
4.0
4.5
Hold time, HIGH or LOW
t
h
3.3
–1.0
0.5
0.5
ns
H to S
L
5.0
–0.5
0.5
0.5
Setup time, HIGH or LOW
t
su
3.3
1.0
3.5
4.0
ns
S
in to CP
5.0
0.5
3.0
3.5
Hold time, HIGH or LOW
t
h
3.3
1.5
2.0
2.0
ns
S
in to CP
5.0
1.0
2.0
2.0
Setup time, HIGH or LOW
t
su
3.3
3.0
5.0
6.0
ns
S
L to CP
5.0
2.0
4.0
4.5
Hold time, HIGH or LOW
t
h
3.3
–2.0
0.0
0.0
ns
S
L to CP
5.0
–1.0
0.0
0.0
Recovery time clock inhibit
t
rec
3.3
2.5
3.5
3.5
ns
to CP
5.0
2.0
3.0
3.0
Clock pulse width
t
w
3.3
3.0
5.5
7.0
ns
5.0
3.0
4.5
5.0
Note:
1. Voltage Range 3.3 is 3.3 V
± 0.3 V
Voltage Range 5.0 is 5.0 V
± 0.5 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HD74HC165Parallel-load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
HD74LS165AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
MM54C165Parallel-Load 8-Bit Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
HD74HC166Parallel-load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
SN74HC165-Q18-BIT PARALLEL-LOAD SHIFT REGISTER 1 2 3 4 5 MoreTexas Instruments
MM74C165Parallel-Load 8-Bit Shift Register 1 2 3 4 5 MoreFairchild Semiconductor
HD74LV165AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
HD74LV166AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
SN74ALS166PARALLEL-LOAD 8-BIT SHIFT REGISTER 1 2 3 4 5 MoreTexas Instruments
74F1988-bit bidirectional universal shift register 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn