Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74AC165 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part No. HD74AC165
Description  Parallel-Load 8-bit Shift Register
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC165 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD74AC165 Datasheet HTML 1Page - Hitachi Semiconductor HD74AC165 Datasheet HTML 2Page - Hitachi Semiconductor HD74AC165 Datasheet HTML 3Page - Hitachi Semiconductor HD74AC165 Datasheet HTML 4Page - Hitachi Semiconductor HD74AC165 Datasheet HTML 5Page - Hitachi Semiconductor HD74AC165 Datasheet HTML 6Page - Hitachi Semiconductor HD74AC165 Datasheet HTML 7Page - Hitachi Semiconductor HD74AC165 Datasheet HTML 8Page - Hitachi Semiconductor HD74AC165 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
HD74AC165/HD74ACT165
5
AC Characteristics: HD74AC165
Ta = +25
°C
C
L = 50 pF
Ta = –40
°C to +85°C
C
L = 50 pF
Item
Symbol
V
CC (V)*
1
Min
Typ
Max
Min
Max
Unit
Maximum count
f
max
3.3
85
70
MHz
frequency
5.0
100
90
Propagation delay
t
PLH
3.3
1.0
11.0
17.5
1.0
20.5
ns
CP to Q
H or QH
5.0
1.0
8.0
11.5
1.0
13.5
Propagation delay
t
PHL
3.3
1.0
12.0
18.0
1.0
21.5
ns
CP to Q
H or QH
5.0
1.0
8.5
12.5
1.0
14.5
Propagation delay
t
PLH
3.3
1.0
13.5
19.5
1.0
22.5
ns
H to Q
H or QH
5.0
1.0
9.5
13.5
1.0
15.5
Propagation delay
t
PHL
3.3
1.0
9.0
14.0
1.0
16.5
ns
H to Q
H or QH
5.0
1.0
6.5
9.5
1.0
11.0
Propagation delay
t
PLH
3.3
1.0
11.5
20.5
1.0
23.5
ns
S
L to Q H or QH
5.0
1.0
8.5
14.0
1.0
16.0
Propagation delay
t
PHL
3.3
1.0
10.0
16.5
1.0
19.5
ns
S
L to Q H or QH
5.0
1.0
7.5
11.0
1.0
12.5
Note:
1. Voltage Range 3.3 is 3.3 V
± 0.3 V
Voltage Range 5.0 is 5.0 V
± 0.5 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HD74HC165Parallel-load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
HD74LS165AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
MM54C165Parallel-Load 8-Bit Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
HD74HC166Parallel-load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
SN74HC165-Q18-BIT PARALLEL-LOAD SHIFT REGISTER 1 2 3 4 5 MoreTexas Instruments
MM74C165Parallel-Load 8-Bit Shift Register 1 2 3 4 5 MoreFairchild Semiconductor
HD74LV165AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
HD74LV166AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
SN74ALS166PARALLEL-LOAD 8-BIT SHIFT REGISTER 1 2 3 4 5 MoreTexas Instruments
74F1988-bit bidirectional universal shift register 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn