Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74AC165 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part No. HD74AC165
Description  Parallel-Load 8-bit Shift Register
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC165 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HD74AC165 Datasheet HTML 1Page - Hitachi Semiconductor HD74AC165 Datasheet HTML 2Page - Hitachi Semiconductor HD74AC165 Datasheet HTML 3Page - Hitachi Semiconductor HD74AC165 Datasheet HTML 4Page - Hitachi Semiconductor HD74AC165 Datasheet HTML 5Page - Hitachi Semiconductor HD74AC165 Datasheet HTML 6Page - Hitachi Semiconductor HD74AC165 Datasheet HTML 7Page - Hitachi Semiconductor HD74AC165 Datasheet HTML 8Page - Hitachi Semiconductor HD74AC165 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
HD74AC165/HD74ACT165
4
Logic Diagram
A
Preset
Clear
S
R
Clock
QA
QA
B
Preset
Clear
S
R
Clock
QB
QB
C
Preset
Clear
S
R
Clock
QC
QC
D
Preset
Clear
S
R
Clock
QD
QD
E
Preset
Clear
S
R
Clock
QE
QE
F
Preset
Clear
S
R
Clock
QF
QF
G
Preset
Clear
S
R
Clock
QG
QG
H
Preset
Output
QH
Parallel
Inputs
Output
QH
Clear
S
R
Clock
QH
QH
SI
SL
CP
Clock
Inhibit
DC Characteristics (unless otherwise specified)
Item
Symbol
Max
Unit
Condition
Maximum quiescent supply current
I
CC
80
µAV
IN = VCC or ground, VCC = 5.5 V,
Ta = Worst case
Maximum quiescent supply current
I
CC
8.0
µAV
IN = VCC or ground, VCC = 5.5 V,
Ta = 25
°C
Maximum additional I
CC/input
(HD74ACT165)
I
CCT
1.5
mA
V
IN = VCC – 2.1 V, VCC = 5.5 V,
Ta = Worst case


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HD74HC165Parallel-load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
HD74LS165AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
MM54C165Parallel-Load 8-Bit Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
HD74HC166Parallel-load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
SN74HC165-Q18-BIT PARALLEL-LOAD SHIFT REGISTER 1 2 3 4 5 MoreTexas Instruments
MM74C165Parallel-Load 8-Bit Shift Register 1 2 3 4 5 MoreFairchild Semiconductor
HD74LV165AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
HD74LV166AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
SN74ALS166PARALLEL-LOAD 8-BIT SHIFT REGISTER 1 2 3 4 5 MoreTexas Instruments
74F1988-bit bidirectional universal shift register 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn