Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFED20-48D15W Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # DFED20-48D15W
Description  DIN RAIL DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

DFED20-48D15W Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  DFED20-48D15W Datasheet HTML 1Page - Power Mate Technology Co., LTD DFED20-48D15W Datasheet HTML 2Page - Power Mate Technology Co., LTD DFED20-48D15W Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
www.PDUKE.com
2014/4/30
DFED20W SERIES
DIN RAIL DC-DC CONVERTER
4:1 ULTRA WIDE INPUT RANGE
UP TO 20 Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
1600VDC INPUT TO OUTPUT ISOLATION
SCREW TERMINALS FOR INPUT AND OUTPUT CONNECTIONS
RELIABLE SNAP-ON FOR DIN RAIL TS-35/7.5 OR TS-35/15
CASE PROTECTION MEET IP20(IEC60529)
INTERNAL OUTPUT DC-OK INDICATOR
MEET EN55022 CLASS B
SAFETY MEETS UL60950-1, EN60950-1, & IEC60950-1
CE MARKED
COMPLIANT TO RoHS II & REACH
COMMUNICATION SYSTEM
INDUSTRY CONTROL SYSTEM
FACTORY AUTOMATIC EQUIPMENT
SEMICONDUCTOR EQUIPMENT
1600VDC
ISOLATION
REMOTE
CONTROL
UVP
OCP
SCP
OVP
FUSE
INCLUDED
INRUSH
LIMIT
REVERSE
POLARITY
PROTECTION
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25℃ otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load (1)
Model
Number
VDC
VDC
mA
mA
%
µ
F
DFED20-24S3P3W
9.5 ~ 36
3.3
5500
52
83
18000
DFED20-24S05W
9.5 ~ 36
5
4000
67
86
9600
DFED20-24S12W
9.5 ~ 36
12
1670
26
84
1650
DFED20-24S15W
9.5 ~ 36
15
1330
27
84
1050
DFED20-24D05W
9.5 ~ 36
±5
±2000
59
86
±4800
DFED20-24D12W
9.5 ~ 36
±12
±833
34
85
±825
DFED20-24D15W
9.5 ~ 36
±15
±667
35
85
±525
DFED20-48S3P3W
18 ~ 75
3.3
5500
37
83
18000
DFED20-48S05W
18 ~ 75
5
4000
37
86
9600
DFED20-48S12W
18 ~ 75
12
1670
18
85
1650
DFED20-48S15W
18 ~ 75
15
1330
18
85
1050
DFED20-48D05W
18 ~ 75
±5
±2000
37
87
±4800
DFED20-48D12W
18 ~ 75
±12
±833
20
86
±825
DFED20-48D15W
18 ~ 75
±15
±667
20
86
±525
PART NUMBER STRUCTURE
DFED20 -
48
S
05
W -
N
Series Name
Input
Voltage
(VDC)
Output
Quantity
Output
Voltage
(VDC)
Input
Range
Remote Control
Option
S: Single
3P3:
05:
12:
15:
3.3
5
12
15
24:
48:
9.5~36
18~75
D: Dual
05:
12:
15:
±5
±12
±15
4:1
:
N:
Positive logic
Negative logic


Similar Part No. - DFED20-48D15W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFED20-48D15 P-DUKE-DFED20-48D15 Datasheet
371Kb / 3P
   DIN RAIL DC-DC CONVERTER
More results

Similar Description - DFED20-48D15W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC15W P-DUKE-DFEC15W_14 Datasheet
284Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFED20 P-DUKE-DFED20_14 Datasheet
371Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFEC30 P-DUKE-DFEC30_14 Datasheet
370Kb / 3P
   DIN RAIL DC-DC CONVERTER
logo
Bel Fuse Inc.
LDD3 BEL-LDD3 Datasheet
585Kb / 3P
   3W DIN Rail DC-DC Converter
logo
Mean Well Enterprises C...
DDR-15 MEANWELL-DDR-15 Datasheet
598Kb / 5P
   15W DIN Rail Type DC-DC Converter
DDR-30 MEANWELL-DDR-30 Datasheet
124Kb / 4P
   30W DIN Rail Type DC-DC Converter
DDR-480 MEANWELL-DDR-480 Datasheet
286Kb / 9P
   480W DIN Rail Type DC-DC Converter
DDR-240 MEANWELL-DDR-240 Datasheet
4Mb / 9P
   240W DIN Rail Type DC-DC Converter
DDR-60 MEANWELL-DDR-60 Datasheet
129Kb / 4P
   60W DIN Rail Type DC-DC Converter
DDR-120 MEANWELL-DDR-120 Datasheet
5Mb / 10P
   120W DIN Rail Rype DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com