Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DOS16-05T-P Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # DOS16-05T-P
Description  DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

DOS16-05T-P Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  DOS16-05T-P Datasheet HTML 1Page - Power Mate Technology Co., LTD DOS16-05T-P Datasheet HTML 2Page - Power Mate Technology Co., LTD DOS16-05T-P Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.pduke.com
2014/4/30
DOS(H)16-05T SERIES
POINT OF LOAD
DC-DC CONVERTER
DOS16-05T, Vo=3.3V, Derating Curve
0
2
4
6
8
10
12
14
16
18
20
30
40
50
60
70
80
90
AMBIENT TEMPERATURE,TA(
℃)
Output Current
Model Name
ON/OFF
Logic
Package
Input Voltage
Output Voltage
Min. Load
Max. Load
Efficiency (%)
5.0Vin, 3.3VDC@16A
DOS16-05T
Negative
DOS16-05T-P
Positive
SMD
DOH16-05T
Negative
DOH16-05T-P
Positive
Vertical Mounting
SIP
DOH16-05TA
Negative
DOH16-05TA-P
Positive
Horizontal Mounting
SIP
2.4 ~ 5.5VDC
Vin(min)=Vout(set)+0.5V
0.75 ~ 3.3VDC
0A
16A
95%
Fig. 1
Table 1
Vout(set) (V) Rtrim (K
Ω)
0.7525
Open
1.2
41.973
1.5
23.077
1.8
15.004
2.5
6.974
3.3
3.160
=
5110
-
0.7525
-
Vout
21070
Rtrim
Note
1.
MIL-HDBK-217F @Ta=25 ºC, Full load.
2.
External with Cout = 1µF ceramic//10µF tantalum capacitors.
3.
External with Cout = 2pcs of 150µF polymer capacitors.
4.
Output voltage programmable from 0.75V to 3.3V by connecting a single resistor (shown as Rtrim in Table 1) between the TRIM and GND pins of the
module. To calculate the value of the resistor Rtrim for a particular output voltage Vout, use the following equation:
5.
It’s necessary to equip the external input capacitors at the input of the module. The capacitors should connect as close as possible to the input
terminals that ensuring module stability. The external Cin is 4pcs of 150µF low-ESR polymer capacitors // 4pcs of 47µF ceramic capacitors at least.
6.
Device code with suffix “
-P” – Positive logic(ON/OFF is open collector/drain logic input; Signal referenced to GND )
Device code with no suffix – Negative logic (ON/OFF pin is open collector/drain logic input with external pull –up resistor; signal referenced to GND)
7.
Case 1 :On/Off input is set to logic low (module on) and then input power is applied (delay from instant at which Vin=Vin(min) until Vout=10% of Vout(set))
8.
Case 2 :Input power is applied for at least one second and then the ON/OFF input is set to logic low (delay form instant at which Von/off=0.3V until
Vout=10% of Vout(set))
CAUTION: This power module is not internally fused. An input line fuse must always be used.


Similar Part No. - DOS16-05T-P

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DOS16-05T-P P-DUKE-DOS16-05T-P Datasheet
220Kb / 3P
   Non-isolated Point of load DC/DC converters
logo
RSG Electronic Componen...
DOS16-05T-P RSG-DOS16-05T-P Datasheet
208Kb / 3P
   Non-isolated Point of load DC/DC converters
logo
Power Mate Technology C...
DOS16-05T-P P-DUKE-DOS16-05T-P Datasheet
697Kb / 3P
   POINT OF LOAD DC-DC CONVERTER
More results

Similar Description - DOS16-05T-P

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com