Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFEC60 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # DFEC60
Description  DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

DFEC60 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  DFEC60_14 Datasheet HTML 1Page - Power Mate Technology Co., LTD DFEC60_14 Datasheet HTML 2Page - Power Mate Technology Co., LTD DFEC60_14 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
www.PDUKE.com
2014/4/30
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating input voltage range
24Vin(nom)
48Vin(nom)
18
36
24
48
36
75
VDC
Input fuse (slow blow)
24Vin(nom)
48Vin(nom)
8
4
A
In-rush current
15
A
Input reflected ripple current
Nominal input and Full load
15
mAp-p
Start up voltage
24Vin(nom)
48Vin(nom)
17.5
34.5
VDC
Shutdown voltage
24Vin(nom)
48Vin(nom)
15
32
VDC
Start up time
Nominal input and
Constant resistive load
Power up
Remote ON/OFF
100
20
ms
Input surge voltage
100ms, max.
24Vin(nom)
48Vin(nom)
50
100
VDC
Positive logic
(Standard)
DC-DC ON
DC-DC OFF
Open or 3 ~ 12VDC
Short or 0 ~ 1.2VDC
Referred to –Vin pin
Negative logic
(Option)
DC-DC ON
DC-DC OFF
Short or 0 ~ 1.2VDC
Open or 3 ~ 12VDC
Remote ON/OFF
Input current of Ctrl pin
-0.5
1.0
mA
Remote off input current
4
mA
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Voltage accuracy
3.3Vout
Others
-1.5
-1.0
+1.5
+1.0
%
Line regulation
Low Line to High Line at Full Load
-0.5
+0.5
%
Load regulation
No Load to Full Load
3.3Vout
Others
-2.5
-1.5
+2.5
+1.5
%
Voltage adjustability
Single output
24Vout
Others
-10
-10
+20
+10
%
Ripple and noise
Measured by 20MHz bandwidth
Single
3.3Vout, 5Vout
12Vout, 15Vout
24Vout
75
100
130
mVp-p
Temperature coefficient
-0.02
+0.02
%/
Transient response recovery time
25% load step change
250
µ
s
Over voltage protection
Zener diode clamp
3.3Vout
5Vout
12Vout
15Vout
24Vout
3.7
5.6
13.8
16.8
30.0
5.4
7.0
17.5
20.5
33.0
VDC
Output indicator
Green LED
Over load protection
% of Iout rated; Hiccup mode
150
%
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Isolation voltage
1 minute
Input to Output
Input (Output) to Chassis
1600
1600
VDC
Isolation resistance
500VDC
1
G
Isolation capacitance
4000
pF
Switching frequency
270
300
330
kHz
Safety meets
UL60950-1
EN60950-1
IEC60950-1
Chassis material
Aluminum
Weight
182g (6.40oz)
MTBF
MIL-HDBK-217F, Full load
5.296 x 10
5 hrs


Similar Part No. - DFEC60_14

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC15W P-DUKE-DFEC15W_14 Datasheet
284Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFEC30-12D12 P-DUKE-DFEC30-12D12 Datasheet
370Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFEC30-12D15 P-DUKE-DFEC30-12D15 Datasheet
370Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFEC30-12S05 P-DUKE-DFEC30-12S05 Datasheet
370Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFEC30-12S12 P-DUKE-DFEC30-12S12 Datasheet
370Kb / 3P
   DIN RAIL DC-DC CONVERTER
More results

Similar Description - DFEC60_14

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com