Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFEC30-12S05 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # DFEC30-12S05
Description  DIN RAIL DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

DFEC30-12S05 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  DFEC30-12S05 Datasheet HTML 1Page - Power Mate Technology Co., LTD DFEC30-12S05 Datasheet HTML 2Page - Power Mate Technology Co., LTD DFEC30-12S05 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
www.PDUKE.com
2014/4/30
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating input voltage range
12Vin(nom)
24Vin(nom)
48Vin(nom)
9.5
18
36
12
24
48
18
36
75
VDC
Input fuse (slow blow)
12Vin(nom)
24Vin(nom)
48Vin(nom)
6
6
4
A
In-rush current
15
A
Input reflected ripple current
Nominal input and Full load
15
mAp-p
Start up voltage
12Vin(nom)
24Vin(nom)
48Vin(nom)
9.5
18
36
VDC
Shutdown voltage
12Vin(nom)
24Vin(nom)
48Vin(nom)
8
16
33
VDC
Start up time
Nominal input and
Constant resistive load
Power up
Remote ON/OFF
100
25
ms
Input surge voltage
100ms, max.
12Vin(nom)
24Vin(nom)
48Vin(nom)
36
50
100
VDC
Referred to –Vin pin
Positive logic
DC-DC ON
DC-DC OFF
Open or 3 ~ 12VDC
Short or 0 ~ 1.2VDC
Remote ON/OFF
Input current of Ctrl pin
-0.5
0.5
mA
Remote off input current
2.5
mA
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Voltage accuracy
3.3Vout
Others
-1.5
-1.0
+1.5
+1.0
%
Line regulation
Low Line to High Line at Full Load
-0.5
+0.5
%
Load regulation
No Load to Full Load
3.3Vout
Others
-1.5
-1.0
+1.5
+1.0
%
Cross regulation
Asymmetrical load 25%/100% FL
Dual
-5.0
+5.0
%
Voltage adjustability
Single output
28Vout
Others
-3
-10
+17
+10
%
Ripple and noise
Measured by 20MHz bandwidth
Single
Dual
3.3Vout, 5Vout
12Vout, 15Vout
24Vout, 28Vout
All
50
75
100
100
mVp-p
Temperature coefficient
-0.02
+0.02
%/
Transient response recovery time
25% load step change
300
µ
s
Over voltage protection
Zener diode clamp
3.3Vout
5Vout
12Vout
15Vout
24Vout
28Vout
3.9
6.2
15
18
30
36
VDC
Output indicator
Green LED
Over load protection
% of Iout rated; Hiccup mode
150
%
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Isolation voltage
1 minute
Input to Output
Input (Output) to Chassis
1600
1600
VDC
Isolation resistance
500VDC
1
G
Isolation capacitance
4000
pF
Switching frequency
270
300
330
kHz
Safety meets
UL60950-1
EN60950-1
IEC60950-1
Chassis material
Aluminum
Weight
170g (5.98oz)
MTBF
MIL-HDBK-217F, Full load
9.229 x 10
5 hrs


Similar Part No. - DFEC30-12S05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC30-24D12W P-DUKE-DFEC30-24D12W Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
DFEC30-24D15W P-DUKE-DFEC30-24D15W Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
DFEC30-24S05W P-DUKE-DFEC30-24S05W Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
DFEC30-24S12W P-DUKE-DFEC30-24S12W Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
DFEC30-24S15W P-DUKE-DFEC30-24S15W Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
More results

Similar Description - DFEC30-12S05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC15W P-DUKE-DFEC15W_14 Datasheet
284Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFED20 P-DUKE-DFED20_14 Datasheet
371Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFED20W P-DUKE-DFED20W_14 Datasheet
369Kb / 3P
   DIN RAIL DC-DC CONVERTER
logo
Bel Fuse Inc.
LDD3 BEL-LDD3 Datasheet
585Kb / 3P
   3W DIN Rail DC-DC Converter
logo
Mean Well Enterprises C...
DDR-15 MEANWELL-DDR-15 Datasheet
598Kb / 5P
   15W DIN Rail Type DC-DC Converter
DDR-30 MEANWELL-DDR-30 Datasheet
124Kb / 4P
   30W DIN Rail Type DC-DC Converter
DDR-480 MEANWELL-DDR-480 Datasheet
286Kb / 9P
   480W DIN Rail Type DC-DC Converter
DDR-240 MEANWELL-DDR-240 Datasheet
4Mb / 9P
   240W DIN Rail Type DC-DC Converter
DDR-60 MEANWELL-DDR-60 Datasheet
129Kb / 4P
   60W DIN Rail Type DC-DC Converter
DDR-120 MEANWELL-DDR-120 Datasheet
5Mb / 10P
   120W DIN Rail Rype DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com