Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7143SALA Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT7143SALA
Description  HIGH SPEED 2K X 16 DUAL-PORT SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7143SALA Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT7143SALA Datasheet HTML 1Page - Integrated Device Technology IDT7143SALA Datasheet HTML 2Page - Integrated Device Technology IDT7143SALA Datasheet HTML 3Page - Integrated Device Technology IDT7143SALA Datasheet HTML 4Page - Integrated Device Technology IDT7143SALA Datasheet HTML 5Page - Integrated Device Technology IDT7143SALA Datasheet HTML 6Page - Integrated Device Technology IDT7143SALA Datasheet HTML 7Page - Integrated Device Technology IDT7143SALA Datasheet HTML 8Page - Integrated Device Technology IDT7143SALA Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
6.42
IDT7133SA/LA, IDT7143SA/LA
High-Speed 2K x 16 Dual-Port RAM
Military, Industrial and Commercial Temperature Ranges
3
Pin Configurations(1,2,3) (con't.)
NOTES:
1.
Both VCC pins must be connected to the power supply to ensure reliable operation.
2.
Both GND pins must be connected to the ground supply to ensure reliable operation.
3.
Package body is approximately 1.18 in x 1.18 in x 0.16 in.
4.
This package code is used to reference the package diagram.
5.
This text does not indicate orientation of the actual part-marking.
Pin Names
2746 drw 04
I/O0L
VCC(1)
A10L
A9L
A8L
A7L
A6L
A5L
A4L
A3L
51
I/O1L
I/O2L
I/O3L
I/O4L
I/O5L
I/O6L
I/O7L
I/O8L
I/O9L
I/O10L
I/O11L
I/O12L
I/O13L
I/O14L
I/O15L
VCC(1)
GND(2)
I/O0R
I/O1R
I/O2R
I/O3R
I/O4R
I/O5R
I/O6R
I/O7R
I/O8R
I/O9R
I/O10R
I/O11R
I/O12R
I/O13R
I/O14R
I/O15R
A2L
A1L
A0L
R/
WLUB
R/
WLLB
OEL
A2R
A3R
A4R
A5R
A6R
A7R
A8R
A9R
A10R
R/
WRLB
R/
WRUB
OER
GND(2)
BUSYL
BUSYR
CEL
CER
50
48
46
44
42
40
38
36
A0R
A1R
52
49
47
45
43
41
39
37
35
53
34
54
55
56
57
58
59
60
61
62
63
64
65
66
67
1
68
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
18
17
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
IDT7133/43G
GU68-1(4)
68-Pin PGA
Top View(5)
Pin 1
Designator
A
B
CDE
F
G
H
J
K
L
01
02
03
04
05
06
07
08
09
10
11
Left Port
Right Port
Names
CEL
CER
Chip Enable
R/
WLUB
R/
WRUB
Upper Byte Read/Write Enable
R/
WLLB
R/
WRLB
Lower Byte Read/Write Enable
OEL
OER
Output Enable
A0L - A10L
A0R - A10R
Address
I/O0L - I/O15L
I/O0R - I/O15R
Data Input/Output
BUSYL
BUSYR
Busy Flag
VCC
Power
GND
Ground
2746 tbl 01


Similar Part No. - IDT7143SALA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7143SA IDT-IDT7143SA Datasheet
140Kb / 16P
   HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS
IDT7143SA IDT-IDT7143SA Datasheet
174Kb / 17P
   HIGH SPEED 2K X 16 DUAL-PORT SRAM
IDT7143SA20F IDT-IDT7143SA20F Datasheet
140Kb / 16P
   HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS
IDT7143SA20FB IDT-IDT7143SA20FB Datasheet
140Kb / 16P
   HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS
IDT7143SA20FI IDT-IDT7143SA20FI Datasheet
140Kb / 16P
   HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS
More results

Similar Description - IDT7143SALA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7133SA IDT-IDT7133SA_18 Datasheet
174Kb / 17P
   HIGH SPEED 2K X 16 DUAL-PORT SRAM
IDT7133SA IDT-IDT7133SA Datasheet
140Kb / 16P
   HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS
logo
UMC Corporation
UM6116-25 UMC-UM6116-25 Datasheet
375Kb / 6P
   2K x 8 High Speed CMOS SRAM
logo
Cypress Semiconductor
CY7C133 CYPRESS-CY7C133 Datasheet
506Kb / 13P
   2K x 16 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT70121S IDT-IDT70121S_17 Datasheet
170Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com