Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74AC139 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HD74AC139
Description  Dual 1-of-4 Decoder/Demultiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC139 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HD74AC139 Datasheet HTML 2Page - Hitachi Semiconductor HD74AC139 Datasheet HTML 3Page - Hitachi Semiconductor HD74AC139 Datasheet HTML 4Page - Hitachi Semiconductor HD74AC139 Datasheet HTML 5Page - Hitachi Semiconductor HD74AC139 Datasheet HTML 6Page - Hitachi Semiconductor HD74AC139 Datasheet HTML 7Page - Hitachi Semiconductor HD74AC139 Datasheet HTML 8Page - Hitachi Semiconductor HD74AC139 Datasheet HTML 9Page - Hitachi Semiconductor HD74AC139 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
DP-16
Conforms
Conforms
1.07 g
Unit: mm
19.20
16
9
8
1
1.3
20.00 Max
7.62
0.25
+ 0.13
– 0.05
2.54
± 0.25
0.48
± 0.10
0
° – 15°
1.11 Max


Similar Part No. - HD74AC139

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74AC139 RENESAS-HD74AC139 Datasheet
331Kb / 12P
   Dual 1-of-4 Decoder/Demultiplexer
Jul.16.2004
HD74AC139AFPEL RENESAS-HD74AC139AFPEL Datasheet
331Kb / 12P
   Dual 1-of-4 Decoder/Demultiplexer
Jul.16.2004
HD74AC139AP RENESAS-HD74AC139AP Datasheet
331Kb / 12P
   Dual 1-of-4 Decoder/Demultiplexer
Jul.16.2004
HD74AC139ARPEL RENESAS-HD74AC139ARPEL Datasheet
331Kb / 12P
   Dual 1-of-4 Decoder/Demultiplexer
Jul.16.2004
HD74AC139TELL RENESAS-HD74AC139TELL Datasheet
331Kb / 12P
   Dual 1-of-4 Decoder/Demultiplexer
Jul.16.2004
More results

Similar Description - HD74AC139

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F139 PHILIPS-74F139 Datasheet
75Kb / 8P
   Dual 1-of-4 decoder/demultiplexer
1990 Feb 23
logo
National Semiconductor ...
74156 NSC-74156 Datasheet
56Kb / 2P
   DUAL 1-OF-4 DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74ALS139 PHILIPS-74ALS139 Datasheet
97Kb / 8P
   Dual 1-of-4 decoder/demultiplexer
1991 Feb 08
HEF4555B PHILIPS-HEF4555B Datasheet
36Kb / 4P
   Dual 1-of-4 decoder/demultiplexer
January 1995
logo
Motorola, Inc
SN54-74LS155 MOTOROLA-SN54-74LS155 Datasheet
78Kb / 4P
   DUAL 1-OF-4 DECODER/ DEMULTIPLEXER
logo
KODENSHI_AUK CORP.
KK74HC139A KODENSHI-KK74HC139A Datasheet
222Kb / 6P
   Dual 1-of-4 Decoder/Demultiplexer
logo
Fairchild Semiconductor
74AC139SCX FAIRCHILD-74AC139SCX Datasheet
101Kb / 9P
   Dual 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
74AC139 ONSEMI-74AC139 Datasheet
351Kb / 12P
   Dual 1-of-4 Decoder / Demultiplexer
January, 2017 ??Rev. 2
logo
Fairchild Semiconductor
74AC139 FAIRCHILD-74AC139 Datasheet
98Kb / 9P
   Dual 1-of-4 Decoder/Demultiplexer
logo
Motorola, Inc
SN54LS155 MOTOROLA-SN54LS155 Datasheet
210Kb / 6P
   DUAL 1-OF-4 DECODER/ DEMULTIPLEXER
logo
National Semiconductor ...
54F139DM NSC-54F139DM Datasheet
166Kb / 8P
   Dual 1-of-4 Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com