Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4002G Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1N4002G
Description  GLASS PASSIVATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1N4002G Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1N4002G Datasheet HTML 1Page - List of Unclassifed Manufacturers 1N4002G Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
1.2
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
175
20
10
1.0
0.1
0.01
0
20
40
60
80
100
120
140
100
10
1
0.1
1.0
10
100
FIG.1-TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.3-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
AMBIENT TEMPERATURE,( C)
o
NUMBER OF CYCLES AT 60 Hz
INSTANTANEOUS FORWARD VOLTAGE,(V)
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
REVRESE VOLTAGE,(V)
T =100 C
j
o
T =25 C
j
o
30
20
10
0
1
2
4
6 8 10
20
40
60 80100
8.3ms Single Half Sine-Wave
(JEDEC Method) T =T max
j
j
1 Cycle
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375 (9.5mm) Lead Length
20
10
1.0
0.1
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
T =25 C
Pulse Width=300us
1% Duty Cycle
j
o
T =25 C
f=1MHz
V =50mVp-p
j
o
sig
1N4001G-4007G
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - 1N4002G

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
1N4002G DIOTECH-1N4002G Datasheet
826Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
NXP Semiconductors
1N4002G PHILIPS-1N4002G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Microdiode Electronics ...
1N4002G CHENDA-1N4002G Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Leshan Radio Company
1N4002G LRC-1N4002G Datasheet
51Kb / 2P
   1A GENERAL PURPOSE GPP DIODES
logo
DIOTEC Electronics Corp...
1N4002G DEC-1N4002G Datasheet
826Kb / 2P
   Glass Passivated Die Construction
More results

Similar Description - 1N4002G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N4001G ETC-1N4001G Datasheet
143Kb / 2P
   GLASS PASSIVATED RECTIFIER
1N5391G ETC2-1N5391G Datasheet
154Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
SAMYANG ELECTRONICS CO....
HER301G SAMYANG-HER301G Datasheet
433Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
RL151G-157G WINNERJOIN-RL151G-157G Datasheet
96Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
MIC GROUP RECTIFIERS
8AF05 MIC-8AF05 Datasheet
64Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
Digitron Semiconductors
1N5624 DIGITRON-1N5624 Datasheet
128Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
GPP30 CHENG-YI-GPP30 Datasheet
110Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
Galaxy Semi-Conductor H...
UF4001G BILIN-UF4001G Datasheet
82Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
1G1-1G7 ETC2-1G1-1G7 Datasheet
112Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
MIC GROUP RECTIFIERS
16AF05C MIC-16AF05C Datasheet
54Kb / 2P
   GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com