Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74AC112 Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HD74AC112
Description  Dual JK Negative Edge-Triggered Flip-Flop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC112 Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HD74AC112 Datasheet HTML 2Page - Hitachi Semiconductor HD74AC112 Datasheet HTML 3Page - Hitachi Semiconductor HD74AC112 Datasheet HTML 4Page - Hitachi Semiconductor HD74AC112 Datasheet HTML 5Page - Hitachi Semiconductor HD74AC112 Datasheet HTML 6Page - Hitachi Semiconductor HD74AC112 Datasheet HTML 7Page - Hitachi Semiconductor HD74AC112 Datasheet HTML 8Page - Hitachi Semiconductor HD74AC112 Datasheet HTML 9Page - Hitachi Semiconductor HD74AC112 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
TTP-16DA
0.05 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
0.50
± 0.10
0
° – 8°
6.40
± 0.20
0.10
0.13 M
0.65
18
16
9
5.00
5.30 Max
0.65 Max
1.0
0.20
± 0.06
+ 0.08
– 0.07
*0.22


Similar Part No. - HD74AC112

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74AC112 RENESAS-HD74AC112 Datasheet
240Kb / 10P
   Dual JK Negative Edge-Triggered Flip-Flop
Jul.16.2004
HD74AC112FPEL RENESAS-HD74AC112FPEL Datasheet
240Kb / 10P
   Dual JK Negative Edge-Triggered Flip-Flop
Jul.16.2004
HD74AC112RPEL RENESAS-HD74AC112RPEL Datasheet
240Kb / 10P
   Dual JK Negative Edge-Triggered Flip-Flop
Jul.16.2004
More results

Similar Description - HD74AC112

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACT112 NSC-54ACT112_09 Datasheet
357Kb / 8P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Motorola, Inc
SN54LS113A MOTOROLA-SN54LS113A Datasheet
140Kb / 4P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
logo
Fairchild Semiconductor
74F112 FAIRCHILD-74F112 Datasheet
59Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Motorola, Inc
MC74AC113 MOTOROLA-MC74AC113 Datasheet
188Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74F113 FAIRCHILD-74F113 Datasheet
59Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Motorola, Inc
SN54LS114A MOTOROLA-SN54LS114A Datasheet
146Kb / 4P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
SN54LS73A MOTOROLA-SN54LS73A Datasheet
73Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
MC74F112 MOTOROLA-MC74F112 Datasheet
83Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
SN5474LS114A MOTOROLA-SN5474LS114A Datasheet
149Kb / 4P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
SN74LS113A MOTOROLA-SN74LS113A Datasheet
88Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com