Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD66725 Datasheet(PDF) 11 Page - Hitachi Semiconductor

Part # HD66725
Description  (Graphics LCD Controller/Driver with Key Scan Function)
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD66725 Datasheet(HTML) 11 Page - Hitachi Semiconductor

Back Button HD66725 Datasheet HTML 7Page - Hitachi Semiconductor HD66725 Datasheet HTML 8Page - Hitachi Semiconductor HD66725 Datasheet HTML 9Page - Hitachi Semiconductor HD66725 Datasheet HTML 10Page - Hitachi Semiconductor HD66725 Datasheet HTML 11Page - Hitachi Semiconductor HD66725 Datasheet HTML 12Page - Hitachi Semiconductor HD66725 Datasheet HTML 13Page - Hitachi Semiconductor HD66725 Datasheet HTML 14Page - Hitachi Semiconductor HD66725 Datasheet HTML 15Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 117 page
background image
HD66724/HD66725
11
HD66725 Pad Arrangement
• Chip size: 10.97 x 2.51 mm
• Pad coordinates: Pad center
• Coordinate origin: Chip center
• Au bump size: 50
µm x 100 µm
• Au bump pitch: 80
µm (min.)
(Top view)
HD66725
SEG16/81
SEG15/82
SEG14/83
SEG13/84
SEG12/85
SEG11/86
SEG10/87
SEG9/64
SEG8/89
SEG7/90
SEG6/91
SEG5/92
SEG4/93
SEG3/94
SEG2/95
SEG26/71
SEG25/72
SEG24/73
SEG23/74
SEG22/75
SEG21/76
SEG20/77
SEG19/78
SEG18/79
SEG36/61
SEG35/62
SEG34/63
SEG33/64
SEG32/65
SEG31/66
SEG30/67
SEG29/68
SEG28/69
SEG27/70
SEG42/55
SEG41/56
SEG40/57
SEG39/58
SEG38/59
SEG37/60
SEG43/54
SEG17/80
SEG1/96
SEG44/53
SEG45/52
SEG46/51
SEG47/50
SEG48/49
SEG49/48
SEG50/47
SEG51/46
SEG52/45
SEG53/44
SEG54/43
SEG55/42
SEG56/41
SEG57/40
SEG58/39
SEG59/38
SEG60/37
OSC2
OSC1
Vcc
Vci
Dummy37
C1+
Y
X
COM20/5
COM19/6
COM18/7
SEG61/36
SEG62/35
SEG63/34
SEG64/33
SEG65/32
SEG66/31
SEG67/30
SEG68/29
SEG69/28
SEG70/27
SEG71/26
SEG72/25
C1+
C1+
C2-
C2-
C2+
C2+
Vci
Vci
Vcc
Vcc
GND
GND
GND
DB0/KIN0
DB1/KIN1
DB2/KIN2
DB3/KIN3
DB4/KIN4
DB5/KIN5
DB6/KIN6
DB7/KIN7
KST0
KST1
KST2
KST3
IRQ*
R1
R2
R3
COM17/8
RW/RD*/SDA
E/WR*/SCL
CS*
RESET*
PORT0
PORT1
C1-
C1-
C1-
Dummy38
Dummy39
Dummy40
Dummy44
Dummy45
C1-
C1-
VLOUT
VLOUT
VLOUT
VLOUT
VLCD
VLCD
VLCD
VLCD
C2-
C2-
C1+
C1+
C2+
C2+
Vci
Vci
Vcc
Vcc
PORT2
Dummy17
Dummy10
RS
RW/RD*/SDA
GND
Dummy18
Dummy43
Dummy36
Dummy35
Dummy34
Dummy33
Dummy32
Dummy31
Dummy30
Dummy29
Dummy46
Dummy47
Dummy48
Dummy49
Dummy50
Dummy51
Dummy52
Dummy53
Dummy1
Vcc
GND
GND
GND
GND
E/WR*/SCL
RS
CS*
RESET*
DB0/KIN0
DB1/KIN1
DB2/KIN2
DB3/KIN3
DB4/KIN4
DB5/KIN5
DB6/KIN6
DB7/KIN7
KST0
KST1
KST2
KST3
IRQ*
PORT0
PORT1
PORT2
GNDDUM
IM2
IM1
IM0/ID
VccDUM
OPOFF
TEST
Dummy19
Dummy20
Dummy21
Dummy22
SEG73/24
SEG74/23
SEG75/22
SEG76/21
SEG77/20
SEG78/19
SEG79/18
SEG80/17
SEG81/16
SEG82/15
SEG83/14
SEG84/13
SEG85/12
SEG86/11
SEG87/10
SEG88/9
SEG89/8
SEG90/7
SEG91/6
SEG92/5
SEG93/4
SEG94/3
SEG95/2
SEG96/1
Dummy16
Dummy15
Dummy14
Dummy13
Dummy12
Dummy11
Dummy54
Dummy23
Dummy24
Dummy42
Dummy41
2


Similar Part No. - HD66725

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66725 HITACHI-HD66725 Datasheet
2Mb / 96P
   128 x 128-dot Graphics LCD Controller/Driver with Four-grayscale Functions
HD66725 HITACHI-HD66725 Datasheet
813Kb / 95P
   112 x 80-dot Graphics LCD Controller/Driver
More results

Similar Description - HD66725

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TT1668 TONTEK-TT1668 Datasheet
617Kb / 14P
   LED Driver with Key Scan Function
TT1628 TONTEK-TT1628 Datasheet
617Kb / 14P
   LED Driver with Key Scan Function
logo
Ceramate Technical
CM2916 CERAMATE-CM2916 Datasheet
626Kb / 22P
   LCD Driver with Key Scan(4x8)
logo
New Japan Radio
NJU6435 NJRC-NJU6435 Datasheet
447Kb / 16P
   DUTY LCD DRIVER WITH KEY SCAN
logo
Ceramate Technical
CM2915 CERAMATE-CM2915 Datasheet
364Kb / 19P
   LCD Driver (19x4) with Key Scan (4x8)
logo
New Japan Radio
NJU6475B NJRC-NJU6475B Datasheet
2Mb / 45P
   12-Character 4-Line Dot Matrix Low Power LCD Controller Driver with key Scan Function
NJU6436 NJRC-NJU6436 Datasheet
659Kb / 22P
   1/4 DUTY LCD DRIVER WITH KEY SCAN
logo
Princeton Technology Co...
PT6547 PTC-PT6547 Datasheet
468Kb / 35P
   LCD Driver IC with Key Input Function
logo
ON Semiconductor
EN7980 ONSEMI-EN7980 Datasheet
431Kb / 39P
   Duty LCD Driver with Key Input Function
July, 2013
logo
Sanyo Semicon Device
LC75808W SANYO-LC75808W Datasheet
232Kb / 38P
   LCD Display Driver with Key Input Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com