Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD44780 Datasheet(PDF) 21 Page - Hitachi Semiconductor

Part # HD44780
Description  Dot Matrix Liquid Crystal Display Controller/Driver
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD44780 Datasheet(HTML) 21 Page - Hitachi Semiconductor

Back Button HD44780 Datasheet HTML 17Page - Hitachi Semiconductor HD44780 Datasheet HTML 18Page - Hitachi Semiconductor HD44780 Datasheet HTML 19Page - Hitachi Semiconductor HD44780 Datasheet HTML 20Page - Hitachi Semiconductor HD44780 Datasheet HTML 21Page - Hitachi Semiconductor HD44780 Datasheet HTML 22Page - Hitachi Semiconductor HD44780 Datasheet HTML 23Page - Hitachi Semiconductor HD44780 Datasheet HTML 24Page - Hitachi Semiconductor HD44780 Datasheet HTML 25Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
HD44780U
21
Timing Generation Circuit
The timing generation circuit generates timing signals for the operation of internal circuits such as
DDRAM, CGROM and CGRAM. RAM read timing for display and internal operation timing by MPU
access are generated separately to avoid interfering with each other. Therefore, when writing data to
DDRAM, for example, there will be no undesirable interferences, such as flickering, in areas other than the
display area.
Liquid Crystal Display Driver Circuit
The liquid crystal display driver circuit consists of 16 common signal drivers and 40 segment signal
drivers. When the character font and number of lines are selected by a program, the required common
signal drivers automatically output drive waveforms, while the other common signal drivers continue to
output non-selection waveforms.
Sending serial data always starts at the display data character pattern corresponding to the last address of
the display data RAM (DDRAM).
Since serial data is latched when the display data character pattern corresponding to the starting address
enters the internal shift register, the HD44780U drives from the head display.
Cursor/Blink Control Circuit
The cursor/blink control circuit generates the cursor or character blinking. The cursor or the blinking will
appear with the digit located at the display data RAM (DDRAM) address set in the address counter (AC).
For example (Figure 8), when the address counter is 08H, the cursor position is displayed at DDRAM
address 08H.
AC6
0
AC5
0
AC4
0
AC3
1
AC2
0
AC1
0
AC0
0
1
00
2
01
3
02
4
03
5
04
6
05
7
06
8
07
9
08
10
09
11
0A
1
00
40
2
01
41
3
02
42
4
03
43
5
04
44
6
05
45
7
06
46
8
07
47
9
08
48
10
09
49
11
0A
4A
AC
cursor position
cursor position
Display position
DDRAM address
(hexadecimal)
Display position
DDRAM address
(hexadecimal)
For a 1-line display
For a 2-line display
Note: The cursor or blinking appears when the address counter (AC) selects the character
generator RAM (CGRAM). However, the cursor and blinking become meaningless.
The cursor or blinking is displayed in the meaningless position when the AC is a CGRAM address.
Figure 8 Cursor/Blink Display Example


Similar Part No. - HD44780

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD44780U HITACHI-HD44780U Datasheet
513Kb / 97P
   Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver with Key Scan Function
More results

Similar Description - HD44780

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IZD1520U INTEGRAL-IZD1520U Datasheet
221Kb / 12P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
HD66717 HITACHI-HD66717 Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
   Dot Matrix Liquid Crystal Graphic Display Column Driver)
logo
List of Unclassifed Man...
AX6108 ETC2-AX6108 Datasheet
243Kb / 31P
   Dot Matrix Liquid Crystal Graphic Display Column Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com