Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD44780 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HD44780
Description  Dot Matrix Liquid Crystal Display Controller/Driver
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD44780 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD44780 Datasheet HTML 1Page - Hitachi Semiconductor HD44780 Datasheet HTML 2Page - Hitachi Semiconductor HD44780 Datasheet HTML 3Page - Hitachi Semiconductor HD44780 Datasheet HTML 4Page - Hitachi Semiconductor HD44780 Datasheet HTML 5Page - Hitachi Semiconductor HD44780 Datasheet HTML 6Page - Hitachi Semiconductor HD44780 Datasheet HTML 7Page - Hitachi Semiconductor HD44780 Datasheet HTML 8Page - Hitachi Semiconductor HD44780 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
1
HD44780U (LCD-II)
(Dot Matrix Liquid Crystal Display Controller/Driver)
Description
The HD44780U dot-matrix liquid crystal display controller and driver LSI displays alphanumerics,
Japanese kana characters, and symbols. It can be configured to drive a dot-matrix liquid crystal display
under the control of a 4- or 8-bit microprocessor. Since all the functions such as display RAM, character
generator, and liquid crystal driver, required for driving a dot-matrix liquid crystal display are internally
provided on one chip, a minimal system can be interfaced with this controller/driver.
A single HD44780U can display up to one 8-character line or two 8-character lines.
The HD44780U has pin function compatibility with the HD44780S which allows the user to easily replace
an LCD-II with an HD44780U. The HD44780U character generator ROM is extended to generate 208 5
×
8 dot character fonts and 32 5
× 10 dot character fonts for a total of 240 different character fonts.
The low power supply (2.7V to 5.5V) of the HD44780U is suitable for any portable battery-driven product
requiring low power dissipation.
Features
• 5 × 8 and 5 × 10 dot matrix possible
• Low power operation support:
 2.7 to 5.5V
• Wide range of liquid crystal display driver power
 3.0 to 11V
• Liquid crystal drive waveform
 A (One line frequency AC waveform)
• Correspond to high speed MPU bus interface
 2 MHz (when V
CC = 5V)
• 4-bit or 8-bit MPU interface enabled
• 80 × 8-bit display RAM (80 characters max.)
• 9,920-bit character generator ROM for a total of 240 character fonts
 208 character fonts (5 × 8 dot)
 32 character fonts (5 × 10 dot)


Similar Part No. - HD44780

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD44780U HITACHI-HD44780U Datasheet
513Kb / 97P
   Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver with Key Scan Function
More results

Similar Description - HD44780

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IZD1520U INTEGRAL-IZD1520U Datasheet
221Kb / 12P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
HD66717 HITACHI-HD66717 Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
   Dot Matrix Liquid Crystal Graphic Display Column Driver)
logo
List of Unclassifed Man...
AX6108 ETC2-AX6108 Datasheet
243Kb / 31P
   Dot Matrix Liquid Crystal Graphic Display Column Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com