Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE32484A Datasheet(PDF) 7 Page - NEC

Part # NE32484A
Description  C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE32484A Datasheet(HTML) 7 Page - NEC

Back Button NE32484A Datasheet HTML 3Page - NEC NE32484A Datasheet HTML 4Page - NEC NE32484A Datasheet HTML 5Page - NEC NE32484A Datasheet HTML 6Page - NEC NE32484A Datasheet HTML 7Page - NEC NE32484A Datasheet HTML 8Page - NEC NE32484A Datasheet HTML 9Page - NEC NE32484A Datasheet HTML 10Page - NEC NE32484A Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NE32484A
7
Noise Parameters
<TYPICAL CONSTANT NOISE FIGURE CIRCLE>
<
Γopt. vs. frequency>
1.0
0.5
0
–0.5
–1.0
2.0
–2.0
f = 12 GHz
Γopt
1 dB
1.5 dB
2.0 dB
1.0
VDS = 2 V
ID = 10 mA
1.0
0.5
0
–0.5
–1.0
2.0
–2.0
START 2 GHz STOP 18 GHz STEP 2 GHz
1.0
VDS = 2 V
ID = 10 mA
2
4
6
8
10
12
14
16
18
<Noise Parameters>
VDS = 2 V, ID = 10 mA
Freq.
NF
min.
Ga
Γopt.
Rn/50
(GHz)
(dB)
(dB)
MAG.
ANG. (deg.)
2.0
0.31
18.5
0.85
18
0.39
4.0
0.33
16.1
0.82
45
0.32
6.0
0.38
14.2
0.77
71
0.27
8.0
0.43
12.5
0.70
96
0.20
10.0
0.51
11.7
0.64
118
0.13
12.0
0.60
11.0
0.58
152
0.08
14.0
0.74
10.1
0.54
175
0.08
16.0
0.90
9.4
0.51
–161
0.06
18.0
1.10
9.0
0.48
–138
0.06


Similar Part No. - NE32484A

ManufacturerPart #DatasheetDescription
logo
NEC
NE32484A NEC-NE32484A Datasheet
55Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
Renesas Technology Corp
NE32484A RENESAS-NE32484A Datasheet
195Kb / 14P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1991
NE32484A-SL RENESAS-NE32484A-SL Datasheet
195Kb / 14P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1991
logo
NEC
NE32484A-T1 NEC-NE32484A-T1 Datasheet
55Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
Renesas Technology Corp
NE32484A-T1 RENESAS-NE32484A-T1 Datasheet
195Kb / 14P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1991
More results

Similar Description - NE32484A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE425S01 CEL-NE425S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01_02 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE425S01 NEC-NE425S01 Datasheet
57Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3512S02 RENESAS-NE3512S02 Datasheet
200Kb / 11P
   C TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE425S01 NEC-NE425S01_98 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE325S01 CEL-NE325S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE325S01 NEC-NE325S01 Datasheet
60Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE429M01 NEC-NE429M01 Datasheet
50Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com