Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NE32484A Datasheet(PDF) 4 Page - NEC

Part No. NE32484A
Description  C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

NE32484A Datasheet(HTML) 4 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NE32484A
4
S-Parameters
VDS = 2 V, ID = 10 mA
START 500 MHz, STOP 18 GHz, STEP 500 MHz
S11
1.0
0.5
0
–0.5
–1.0
2.0
–2.0
5
4
3
2
1
2.0
1.0
0.5
Rmax. = 1
S12
+90˚
+135˚
±180˚
–135˚
–90˚
+45˚
0
–45˚
5
4
3
2
1
Rmax. = 0.25
S21
+90˚
+135˚
±180˚
–135˚
–90˚
+45˚
0
–45˚
5
4
3
2
1
Rmax. = 5
S22
1.0
0.5
0
–0.5
–1.0
2.0
–2.0
5
4
3
2
1
2.0
1.0
0.5
Rmax. = 1
Marker
1:
2:
3:
4:
5:
4 GHz
8 GHz
12 GHz
16 GHz
18 GHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn