Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD44780UA02FS Datasheet(PDF) 27 Page - Hitachi Semiconductor

Part # HD44780UA02FS
Description  Dot Matrix Liquid Crystal Display Controller/Driver
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD44780UA02FS Datasheet(HTML) 27 Page - Hitachi Semiconductor

Back Button HD44780UA02FS Datasheet HTML 23Page - Hitachi Semiconductor HD44780UA02FS Datasheet HTML 24Page - Hitachi Semiconductor HD44780UA02FS Datasheet HTML 25Page - Hitachi Semiconductor HD44780UA02FS Datasheet HTML 26Page - Hitachi Semiconductor HD44780UA02FS Datasheet HTML 27Page - Hitachi Semiconductor HD44780UA02FS Datasheet HTML 28Page - Hitachi Semiconductor HD44780UA02FS Datasheet HTML 29Page - Hitachi Semiconductor HD44780UA02FS Datasheet HTML 30Page - Hitachi Semiconductor HD44780UA02FS Datasheet HTML 31Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
HD44780U
27
Cursor or Display Shift
Cursor or display shift shifts the cursor position or display to the right or left without writing or reading
display data (Table 7). This function is used to correct or search the display. In a 2-line display, the cursor
moves to the second line when it passes the 40th digit of the first line. Note that the first and second line
displays will shift at the same time.
When the displayed data is shifted repeatedly each line moves only horizontally. The second line display
does not shift into the first line position.
The address counter (AC) contents will not change if the only action performed is a display shift.
Function Set
DL: Sets the interface data length. Data is sent or received in 8-bit lengths (DB7 to DB0) when DL is 1,
and in 4-bit lengths (DB7 to DB4) when DL is 0.When 4-bit length is selected, data must be sent or
received twice.
N: Sets the number of display lines.
F: Sets the character font.
Note:
Perform the function at the head of the program before executing any instructions (except for the
read busy flag and address instruction). From this point, the function set instruction cannot be
executed unless the interface data length is changed.
Set CGRAM Address
Set CGRAM address sets the CGRAM address binary AAAAAA into the address counter.
Data is then written to or read from the MPU for CGRAM.


Similar Part No. - HD44780UA02FS

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD44780U HITACHI-HD44780U Datasheet
513Kb / 97P
   Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver with Key Scan Function
More results

Similar Description - HD44780UA02FS

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IZD1520U INTEGRAL-IZD1520U Datasheet
221Kb / 12P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
HD66717 HITACHI-HD66717 Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
   Dot Matrix Liquid Crystal Graphic Display Column Driver)
logo
List of Unclassifed Man...
AX6108 ETC2-AX6108 Datasheet
243Kb / 31P
   Dot Matrix Liquid Crystal Graphic Display Column Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com