Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSFM8005 Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSFM8005
Description  Advanced trench MOSFET process technology
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSFM8005 Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSFM8005 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSFM8005 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSFM8005 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSFM8005 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSFM8005 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSFM8005 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSFM8005 Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
                                
SSFM8005 
Main Product Characteristics:
VDSS
80V
RDS(on)
4.5mohm
ID
180A
©Silikron Semiconductor CO.,LTD.
2010.12.14
Version : 3.0
page
1of7
www.silikron.com
 
 
Features and Benefits:
TO-220AB
TO-220AB
Advanced trench MOSFET process technology
Special designed for PWM, load switching and general purpose applications
Ultra low on-resistance with low gate charge
Fast switching and reverse body recovery
175℃ operating temperature
Description:
It utilizes the latest FRRMOS (fast reverse recovery MOS) trench processing techniques to achieve
extremely low on resistance, fast switching speed and short reverse recovery time. These features
combine to make this design an extremely efficient and reliable device for use in PWM, load switching
and a wide variety of other applications
Absolute max Rating:
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V①
180
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V①
135
IDM
Pulsed Drain Current
500
ISM
Pulsed Source Current (Body Diode)
500
A
PD @TC = 25°C
Power Dissipation
346
W
PD @TC =100°C
Power Dissipation
178
W
VDS
Drain-Source Voltage
80
V
VGS
Gate-to-Source Voltage
± 25
V
EAS
Single Pulse Avalanche Energy @ L=0.1mH
450
mJ
IAR
Avalanche Current @ L=0.1mH
95
A
TJ TSTG
Operating Junction and Storage Temperature
Range
-55 to + 175
°C
Thermal Resistance
Symbol
Characterizes
Value
Unit
RθJC
Junction-to-case
0.34
/W
Junction-to-ambient (t ≤ 10s)
12
/W
RθJA
Junction-to-Ambient (PCB mounted, steady-state)
55
/W


Similar Part No. - SSFM8005

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSFM1022 SILIKRON-SSFM1022 Datasheet
424Kb / 9P
   Advanced trench MOSFET process technology
SSFM2506 SILIKRON-SSFM2506 Datasheet
440Kb / 9P
   Advanced trench MOSFET process technology
logo
GOOD-ARK Electronics
SSFM2506 GOOD-ARK-SSFM2506 Datasheet
678Kb / 7P
   25V N-Channel MOSFET
SSFM2506L GOOD-ARK-SSFM2506L Datasheet
683Kb / 7P
   25V N-Channel MOSFET
SSFM2508 GOOD-ARK-SSFM2508 Datasheet
577Kb / 7P
   25V N-Channel MOSFET
More results

Similar Description - SSFM8005

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF1020D SILIKRON-SSF1020D Datasheet
690Kb / 8P
   Advanced trench MOSFET process technology
SSF6908 SILIKRON-SSF6908 Datasheet
858Kb / 8P
   Advanced trench MOSFET process technology
SSF8509 SILIKRON-SSF8509 Datasheet
356Kb / 8P
   Advanced trench MOSFET process technology
SSF1109 SILIKRON-SSF1109 Datasheet
365Kb / 8P
   Advanced trench MOSFET process technology
SSF1526 SILIKRON-SSF1526 Datasheet
656Kb / 8P
   Advanced trench MOSFET process technology
SSF1530 SILIKRON-SSF1530 Datasheet
656Kb / 8P
   Advanced trench MOSFET process technology
SSFT3904U SILIKRON-SSFT3904U Datasheet
724Kb / 8P
   Advanced trench MOSFET process technology
SSF6014J8 SILIKRON-SSF6014J8 Datasheet
810Kb / 8P
   Advanced trench MOSFET process technology
SSF7509A SILIKRON-SSF7509A Datasheet
401Kb / 8P
   Advanced trench MOSFET process technology
SSF1090A SILIKRON-SSF1090A Datasheet
721Kb / 8P
   Advanced trench MOSFET process technology
SSF7N60F SILIKRON-SSF7N60F Datasheet
528Kb / 8P
   Advanced trench MOSFET process technology
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com