Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDL7605P2C Datasheet(PDF) 5 Page - NEC

Part # NDL7605P2C
Description  1 310 nm OPTICAL CATV RETURN PATH APPLICATIONS InGaAsP MQW DFB LASER DIODE MODULE WITH ISOLATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7605P2C Datasheet(HTML) 5 Page - NEC

  NDL7605P2C Datasheet HTML 1Page - NEC NDL7605P2C Datasheet HTML 2Page - NEC NDL7605P2C Datasheet HTML 3Page - NEC NDL7605P2C Datasheet HTML 4Page - NEC NDL7605P2C Datasheet HTML 5Page - NEC NDL7605P2C Datasheet HTML 6Page - NEC NDL7605P2C Datasheet HTML 7Page - NEC NDL7605P2C Datasheet HTML 8Page - NEC NDL7605P2C Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet P14039EJ2V0DS00
5
NDL7605P Series
TYPICAL CHARACTERISTICS (TC = 25
°°°°C, unless otherwise specified)
FORWARD CURRENT vs.
FORWARD VOLTAGE
Forward Voltage VF (V)
100
60
40
20
0
80
0.5
1.0
1.5
2.0
2.5
LONGITUDINAL MODE FROM FIBER
Wavelength
λ (nm)
10
–10
–30
–50
–70
0
–20
–40
–60
1 300
1 310
1 320
100
10
1
–60
0
40
80
100
–40
–20
20
60
OPERATING CURRENT AND THRESHOLD
CURRENT vs. CASE TEMPERATURE
Case Temperature TC (˚C)
Ith
Iop@Pf = 2 mW
0.18
0.12
0.06
0.00
–40
–60
–20
0
20
40
60
80
100
TEMPERATURE DEPENEDENCE OF
DIFFERENTIAL EFFICIENCY FROM FIBER
Case Temperature TC (˚C)
0
1.0
2.0
3.0
4.0
5.0
20
40
60
80
100
Forward Current IF (mA)
OPTICAL OUTPUT POWER FROM
FORWARD CURRENT
TC = 40 ˚C
+85 ˚C
0.5
0
1.0
2.0
3.0
4.0
5.0
1.0
1.5
Monitor Current Im (mA)
OPTICAL OUTPUT POWER FROM
FIBER vs.MONITOR CURRENT
+25 ˚C


Similar Part No. - NDL7605P2C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NDL7605P RENESAS-NDL7605P Datasheet
221Kb / 14P
   LASER DIODE
1999
More results

Similar Description - NDL7605P2C

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7660P NEC-NDL7660P Datasheet
69Kb / 6P
   1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
NDL7673P NEC-NDL7673P Datasheet
55Kb / 6P
   1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
NDL7670P NEC-NDL7670P Datasheet
69Kb / 6P
   1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
NDL7672P NEC-NDL7672P Datasheet
50Kb / 6P
   1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
logo
Renesas Technology Corp
NX6314EH RENESAS-NX6314EH_15 Datasheet
205Kb / 7P
   LASER DIODE 1 310 nm InGaAsP MQW-DFB LASER DIODE
logo
NEC
NDL7603P NEC-NDL7603P Datasheet
74Kb / 8P
   1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
logo
California Eastern Labs
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX8530NH CEL-NX8530NH Datasheet
331Kb / 11P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX6514EH CEL-NX6514EH Datasheet
904Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
Renesas Technology Corp
NX6511GH RENESAS-NX6511GH_15 Datasheet
190Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com