Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP706T Datasheet(PDF) 11 Page - Exar Corporation

Part # SP706T
Description  3.0V/3.3V Low Power Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP706T Datasheet(HTML) 11 Page - Exar Corporation

Back Button SP706T Datasheet HTML 7Page - Exar Corporation SP706T Datasheet HTML 8Page - Exar Corporation SP706T Datasheet HTML 9Page - Exar Corporation SP706T Datasheet HTML 10Page - Exar Corporation SP706T Datasheet HTML 11Page - Exar Corporation SP706T Datasheet HTML 12Page - Exar Corporation SP706T Datasheet HTML 13Page - Exar Corporation SP706T Datasheet HTML 14Page - Exar Corporation SP706T Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
S
SP
P7
70
06
6R
R/
/S
S/
/T
T -- S
SP
P7
70
08
8R
R/
/S
S/
/T
T
3
3..0
0V
V/
/3
3..3
3V
V L
Lo
ow
w P
Po
ow
we
err M
Miiccrro
op
prro
occe
es
ss
so
orr S
Su
up
pe
errv
viis
so
orry
y
C
Ciirrccu
uiitts
s
© 2010 Exar Corporation
11/16
Rev. 2.0.0
Fig. 19: Timing Diagrams with WDI tri-stated.
POWER-FAIL COMPARATOR
The power-fail comparator can be used for
various purposes because its output and non
inverting input are not internally connected.
The inverting input is internally connected to a
1.25V reference.
To build an early-warning circuit for power
failure, connect the PFI pin to a voltage divider
as shown in Figure 20. Choose the voltage
divider ratio so that the voltage at PFI falls
below 1.25V just before the +5V regulator
drops out. Use PFO to interrupt the µP so it
can prepare for an orderly power-down.
Fig. 20: Typical Operating Circuit
MANUAL RESET
The manual-reset input (MR) allows RESET to
be triggered by a pushbutton switch. The
switch is effectively debounced by the 140ms
minimum RESET pulse width. MR is TTL/CMOS
logic compatible, so it can be driven by an
external logic line. MR can be used to force a
watchdog timeout to generate a RESET pulse
in
the
SP706R/S/T-SP708R/S/T.
Simply
connect WDO to MR.
Ensuring a Valid Reset Output Down to
VCC=0V
When VCC falls below 1V, the RESET output no
longer sinks current, it becomes an open
circuit. High-impedance CMOS logic inputs can
drift to undetermined voltages if left undriven.
If a pull-down resistor is added to the RESET
pin, any stray charge or leakage currents will
be shunted to ground, holding RESET LOW.
The resistor value is not critical. It should be
about 100KΩ, large enough not to load RESET
and small enough to pull RESET to ground.
MONITORING VOLTAGES OTHER THAN THE
UNREGULATED DC INPUT
Monitor voltages other than the unregulated
DC by connecting a voltage divider to PFI and
adjusting the ratio appropriately. If required,
add hysteresis by connecting a resistor (with a
value approximately 10 times the sum of the
two resistors in the potential divider network)
between PFI and PFO. A capacitor between PFI
and GND will reduce the power-fail circuit's
sensitivity to high-frequency noise on the line
being monitored. RESET can be used to
monitor voltages other than the +3.3V/+3.0V
VCC line. Connect PFO to MR to initiate a
RESET pulse when PFI drops below 1.25V.
Figure 21 shows the SP706R/S/T-SP708R/S/T
series configured to assert RESET when the
+3.3V/3.0V supply falls below the RESET
threshold, or when the +12V supply falls
below approximately 11V.
MONITORING A NEGATIVE VOLTAGE SUPPLY
The power-fail comparator can also monitor a
negative supply rail, shown in Figure 22. When
the negative rail is good (a negative voltage of
large magnitude), PFO is LOW. By adding the


Similar Part No. - SP706T

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP706T SIPEX-SP706T Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706T SIPEX-SP706T Datasheet
234Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP706T EXAR-SP706T Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706T EXAR-SP706T Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706TCN SIPEX-SP706TCN Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
More results

Similar Description - SP706T

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP706SEN-L EXAR-SP706SEN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP706RCN-L EXAR-SP706RCN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706P SIPEX-SP706P_04 Datasheet
234Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690T MAXIM-MAX690T_V01 Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
2015
MAX690T MAXIM-MAX690T_05 Datasheet
287Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 2; 12/05
MAX690T MAXIM-MAX690T Datasheet
100Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
MAX690R MAXIM-MAX690R Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
MAX793SESE MAXIM-MAX793SESE Datasheet
189Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com