Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP706R Datasheet(PDF) 3 Page - Exar Corporation

Part # SP706R
Description  3.0V/3.3V Low Power Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP706R Datasheet(HTML) 3 Page - Exar Corporation

  SP706R Datasheet HTML 1Page - Exar Corporation SP706R Datasheet HTML 2Page - Exar Corporation SP706R Datasheet HTML 3Page - Exar Corporation SP706R Datasheet HTML 4Page - Exar Corporation SP706R Datasheet HTML 5Page - Exar Corporation SP706R Datasheet HTML 6Page - Exar Corporation SP706R Datasheet HTML 7Page - Exar Corporation SP706R Datasheet HTML 8Page - Exar Corporation SP706R Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
S
SP
P7
70
06
6R
R/
/S
S/
/T
T -- S
SP
P7
70
08
8R
R/
/S
S/
/T
T
3
3..0
0V
V/
/3
3..3
3V
V L
Lo
ow
w P
Po
ow
we
err M
Miiccrro
op
prro
occe
es
ss
so
orr S
Su
up
pe
errv
viis
so
orry
y
C
Ciirrccu
uiitts
s
© 2010 Exar Corporation
3/16
Rev. 2.0.0
Parameter
Min.
Typ.
Max.
Units
Conditions
MR Pulse Width tMR
500
ns
VRST(MAX)<VCC<3.6V
150
4.5V<VCC<5.5V
MR Input Threshold
V
VIL
0.6
VRST(MAX)<VCC<3.6V
VIH
0.7xVCC
VRST(MAX)<VCC<3.6V
VIL
0.8
4.5V<VCC<5.5V
VIH
2.0
4.5V<VCC<5.5V
MR to Reset Out Delay tMD
750
ns
VRST(MAX)<VCC<3.6V
250
4.5V<VCC<5.5V
PFI Input Threshold
1.20
1.25
1.30
V
VCC=3.0V - SP70xR, PFI falling
VCC=3.3V - SP70xS/T, PFI falling
PFI Input Current
-25.00
0.01
25.00
nA
PFO Output Voltage
V
VIL
0.8xVCC
VRST(MAX)<VCC<3.6V, ISOURCE=500µA
VIH
0.3
VRST(MAX)<VCC<3.6V, ISINK=1.2mA
VIL
VCC-1.5
4.5V<VCC<5.5V, ISOURCE=800µA
VIH
0.4
4.5V<VCC<5.5V, ISINK=3.2mA
Note 1:WDI minimum rise /fall time is 1µs.
BLOCK DIAGRAM
Fig. 1: SP706R/S/T Block Diagram


Similar Part No. - SP706R

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP706R SIPEX-SP706R Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706R SIPEX-SP706R Datasheet
234Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP706R EXAR-SP706R Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706R EXAR-SP706R Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706RCN SIPEX-SP706RCN Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
More results

Similar Description - SP706R

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP706SEN-L EXAR-SP706SEN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP706RCN-L EXAR-SP706RCN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706P SIPEX-SP706P_04 Datasheet
234Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690T MAXIM-MAX690T_V01 Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
2015
MAX690T MAXIM-MAX690T_05 Datasheet
287Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 2; 12/05
MAX690T MAXIM-MAX690T Datasheet
100Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
MAX690R MAXIM-MAX690R Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
MAX793SESE MAXIM-MAX793SESE Datasheet
189Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com