Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE3210S01 Datasheet(PDF) 14 Page - NEC

Part # NE3210S01
Description  X to Ku BAND SUPER LOW NOISE AMPLIFER N-CHANNEL HJ-FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE3210S01 Datasheet(HTML) 14 Page - NEC

Back Button NE3210S01 Datasheet HTML 8Page - NEC NE3210S01 Datasheet HTML 9Page - NEC NE3210S01 Datasheet HTML 10Page - NEC NE3210S01 Datasheet HTML 11Page - NEC NE3210S01 Datasheet HTML 12Page - NEC NE3210S01 Datasheet HTML 13Page - NEC NE3210S01 Datasheet HTML 14Page - NEC NE3210S01 Datasheet HTML 15Page - NEC NE3210S01 Datasheet HTML 16Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Data Sheet P14067EJ2V0DS00
14
NE3210S01
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered under the following recommended conditions.
For soldering methods and
conditions other than those recommended below, contact your NEC sales representative.
Soldering Method
Soldering Conditions
Recommended Condition Symbol
Infrared Reflow
Package peak temperature: 230 °C or below
Time: 30 seconds or less (at 210 °C)
Count: 1, Exposure limit
Note: None
IR30-00-1
Partial Heating
Pin temperature: 230 °C
Time: 10 seconds or less (per pin row)
Exposure limit
Note: None
Note After opening the dry pack, keep it in a place below 25 °C and 65 % RH for the allowable storage period.
Caution Do not use different soldering methods together (except for partial heating).


Similar Part No. - NE3210S01

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE3210S01 CEL-NE3210S01 Datasheet
414Kb / 7P
   SUPER LOW NOISE HJ FET
logo
Renesas Technology Corp
NE3210S01 RENESAS-NE3210S01 Datasheet
197Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1999
logo
California Eastern Labs
NE3210S01-T1 CEL-NE3210S01-T1 Datasheet
414Kb / 7P
   SUPER LOW NOISE HJ FET
logo
Renesas Technology Corp
NE3210S01-T1 RENESAS-NE3210S01-T1 Datasheet
197Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1999
logo
California Eastern Labs
NE3210S01-T1B CEL-NE3210S01-T1B Datasheet
414Kb / 7P
   SUPER LOW NOISE HJ FET
More results

Similar Description - NE3210S01

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE3511S02 CEL-NE3511S02 Datasheet
288Kb / 10P
   X TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE4210S01 NEC-NE4210S01 Datasheet
65Kb / 16P
   X to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3511S02 RENESAS-NE3511S02 Datasheet
210Kb / 11P
   X TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3515S02 RENESAS-NE3515S02 Datasheet
225Kb / 12P
   X to Ku-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3515S02-T1C-A CEL-NE3515S02-T1C-A Datasheet
415Kb / 9P
   X to Ku-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01 CEL-NE425S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01_02 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com