Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDL7408P1L Datasheet(PDF) 4 Page - NEC

Part # NDL7408P1L
Description  1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7408P1L Datasheet(HTML) 4 Page - NEC

  NDL7408P1L Datasheet HTML 1Page - NEC NDL7408P1L Datasheet HTML 2Page - NEC NDL7408P1L Datasheet HTML 3Page - NEC NDL7408P1L Datasheet HTML 4Page - NEC NDL7408P1L Datasheet HTML 5Page - NEC NDL7408P1L Datasheet HTML 6Page - NEC NDL7408P1L Datasheet HTML 7Page - NEC NDL7408P1L Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
NDL7408P Series
ABSOLUTE MAXIMUM RATINGS (TC = 25
°°°°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Forward Current of LD
IF
Ith + 50
mA
Reverse Voltage of LD
VR
2.0
V
Forward Current of PD
IF
10
mA
Reverse Voltage of PD
VR
20
V
Operating Case Temperature
TC
−40 to +85
°C
Storage Temperature
Tstg
−40 to +85
°C
Lead Soldering Temperature (10 s)
Tsld
260
°C
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25
°°°°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Operating Voltage
Vop
*1
1.1
1.3
V
Threshold Current
Ith
10
25
mA
TC = +85
°C25
50
Modulation Current
Imod
Pf = 1.0 mW @NDL7408PK Series
15
30
mA
Pf = 0.2 mW @NDL7408PL Series
ηd
0.025
0.050
W/A
TC = +85
°C
0.018
0.035
ηd
0.010
0.015
TC = +85
°C
0.005
0.010
Center Emission Wavelength
λC
*1, RMS (
−20 dB)
1 290
1 310
1 330
nm
TC =
−40 to +85 °C
1 260
1 360
Temperature Dependence of
Center Emission Wavelength
∆λ/∆TTC = −40 to +85 °C0.4
0.5
nm/
°C
Spectral Width
σ
*1, RMS (
−20 dB)
1.3
2.5
nm
TC = +85
°C1.5
4
Cut-off Frequency
fC
−3 dB
2.0
GHz
Rise Time
tr
10 to 90 %
0.2
0.5
ns
Fall Time
tf
90 to 10 %
0.3
0.5
ns
Monitor Current of PD
Im
VRD = 5 V, *1
100
700
µA
Dark Current of PD
ID
VRD = 5 V
0.1
10
nA
Tracking Error
γ*2
Im = const., TC =
−40 to +85 °C0.5
1.0
dB
*1 Pf = 1.0 mW @NDL7408PK Series
Pf = 0.2 mW @NDL7408PL Series
*2
γ = 10 log
Pf
XmW
Differential Efficiency from Fiber
for NDL7408PK Series
Differential Efficiency from Fiber
for NDL7408PL Series
TC = –40 to +85 ˚C
Im
Pf
Pf
X
Im
0
(@ Pf (25 ˚C)= X mW)
X = 1.0 mW @NDL7408PK Series
X = 0.2 mW @NDL7408PL Series
TC = 25 ˚C
XmW


Similar Part No. - NDL7408P1L

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NDL7408P1L CEL-NDL7408P1L Datasheet
55Kb / 5P
   1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
Renesas Technology Corp
NDL7408P1L RENESAS-NDL7408P1L Datasheet
209Kb / 10P
   LASER DIODE
1994
logo
California Eastern Labs
NDL7408P1LC CEL-NDL7408P1LC Datasheet
55Kb / 5P
   1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
Renesas Technology Corp
NDL7408P1LC RENESAS-NDL7408P1LC Datasheet
209Kb / 10P
   LASER DIODE
1994
logo
California Eastern Labs
NDL7408P1LD CEL-NDL7408P1LD Datasheet
55Kb / 5P
   1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
More results

Similar Description - NDL7408P1L

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7401P NEC-NDL7401P Datasheet
68Kb / 8P
   1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
California Eastern Labs
NDL7408P CEL-NDL7408P_00 Datasheet
55Kb / 5P
   1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
NDL7401P CEL-NDL7401P_00 Datasheet
45Kb / 4P
   1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
NEC
NX8501 NEC-NX8501 Datasheet
97Kb / 12P
   1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NDL7514P NEC-NDL7514P_00 Datasheet
28Kb / 2P
   1310 nm InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE
NDL7701P NEC-NDL7701P Datasheet
74Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DFB DC-PBH LASER DIODE MODULE
NDL7701P NEC-NDL7701P_00 Datasheet
36Kb / 2P
   1550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB DC-PBH LASER DIODE MODULE
NX7460LE NEC-NX7460LE Datasheet
61Kb / 8P
   1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NDL7515P NEC-NDL7515P Datasheet
61Kb / 8P
   InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
logo
Renesas Technology Corp
NX7363JB-BC RENESAS-NX7363JB-BC_15 Datasheet
151Kb / 8P
   LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com