Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF6808A Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSF6808A
Description  Advanced trench process technology
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF6808A Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSF6808A Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF6808A Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF6808A Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF6808A Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF6808A Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©Silikron Semiconductor Corporation
2008.8.1
Version: 1.1
page
1 of 5
SSF6808A
Absolute Maximum Ratings
Parameter
Max.
Units
ID@Tc=25 ْC
Continuous drain current,VGS@10V
84
A
ID@Tc=100ْC
Continuous drain current,VGS@10V
76
IDM
Pulsed drain current
310
PD@TC=25ْC
Power dissipation
180
W
Linear derating factor
1.5
W
/ ْC
VGS
Gate-to-Source voltage
±20
V
dv/dt
Peak diode recovery voltage
31
v/ns
EAS
Single pulse avalanche energy
400
mJ
EAR
Repetitive avalanche energy
TBD
TJ
TSTG
Operating Junction and
Storage Temperature Range
–55 to +175
ْC
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-case
0.83
ْC/W
RθJA
Junction-to-ambient
62
Electrical Characteristics @TJ=25
ْC (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
Test Conditions
BVDSS
Drain-to-Source breakdown voltage
68
V
VGS=0V,ID=250μA
RDS(on)
Static Drain-to-Source on-resistance
5
8
m
Ω
VGS=10V,ID=30A
VGS(th)
Gate threshold voltage
2.0
4.0
V
VDS=VGS,ID=250μA
IDSS
Drain-to-Source leakage current
2
μA
VDS=68V,VGS=0V
10
VDS=68V,
VGS=0V,TJ=150ْC
SSF6808A TOP View (TO-263)
ID =84A
BV=68V
Rdson=8mohm
Feathers:
Advanced trench process technology
Ultra low Rdson, typical 5mohm
High avalanche energy, 100% test
Fully characterized avalanche voltage and current
Description:
The SSF6808A is a new generation of middle voltage and
high current N
–Channel enhancement mode trench power
MOSFET. This new technology increases the device reliability
and electrical parameter repeatability. SSF6808A is
assembled in high reliability and qualified assembly house.
Application:
Power switching application


Similar Part No. - SSF6808A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF6808A GOOD-ARK-SSF6808A Datasheet
1,000Kb / 5P
   68V N-Channel MOSFET
SSF6808A GOOD-ARK-SSF6808A_15 Datasheet
1,000Kb / 5P
   68V N-Channel MOSFET
More results

Similar Description - SSF6808A

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF1122D SILIKRON-SSF1122D Datasheet
627Kb / 5P
   Advanced trench process technology
SSF6010A SILIKRON-SSF6010A Datasheet
449Kb / 5P
   Advanced trench process technology
SSF6014A SILIKRON-SSF6014A Datasheet
486Kb / 5P
   Advanced trench process technology
SSF7504 SILIKRON-SSF7504 Datasheet
433Kb / 5P
   Advanced trench process technology
SSF3014 SILIKRON-SSF3014 Datasheet
298Kb / 5P
   Advanced trench process technology
SSF3022 SILIKRON-SSF3022 Datasheet
339Kb / 5P
   Advanced trench process technology
logo
First Silicon Co., Ltd
FTK9926 FS-FTK9926 Datasheet
2Mb / 4P
   Advanced trench process technology
logo
Silikron Semiconductor ...
SSF1122 SILIKRON-SSF1122 Datasheet
627Kb / 5P
   Advanced trench process technology
SSFD6046 SILIKRON-SSFD6046 Datasheet
1Mb / 4P
   Advanced trench process technology
SSF1030D SILIKRON-SSF1030D Datasheet
832Kb / 5P
   Advanced trench process technology
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com