Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

481103000 Datasheet(PDF) 2 Page - C&K Components

Part # 481103000
Description  Multi-pole and multi-position
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

481103000 Datasheet(HTML) 2 Page - C&K Components

  481103000 Datasheet HTML 1Page - C&K Components 481103000 Datasheet HTML 2Page - C&K Components 481103000 Datasheet HTML 3Page - C&K Components 481103000 Datasheet HTML 4Page - C&K Components 481103000 Datasheet HTML 5Page - C&K Components 481103000 Datasheet HTML 6Page - C&K Components 481103000 Datasheet HTML 7Page - C&K Components 481103000 Datasheet HTML 8Page - C&K Components 481103000 Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
** U11–U415 model nos.
with all options when ordered with G, R, Q or S contact material.
F–4
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
F
7000 Series
Miniature Toggle Switches
1/4-40 UNS-2A
KEYWAY
DPDT
2-1,5-4
2-1,5-4
2-1,5-4
2-1,5-4
N/A
OPEN
N/A
2-3,5-4
2-3,5-6
2-3,5-6
2-3,5-6
2-3,5-6
ON
NONE
ON
ON
OFF
ON
MOM.
OFF
MOM.
ON
OFF
MOM.
ON
NONE
MOM.
ON
ON
ON
ON
ON
MOM.
MOM.
ON
MOM.
U21
U23
U25
U27
U28
U211*
U213*
U215*
7201
7203
7205
7207
7208
7211 *
7213*
7215*
DP
1/4-40 UNS-2A
KEYWAY
SPDT
2-1
2-1
2-1
2-1
N/A
OPEN
N/A
2-3
2-3
2-3
2-3
N/A
ON
NONE
ON
ON
OFF
ON
MOM.
OFF
MOM.
ON
OFF
MOM.
ON
NONE
MOM.
NONE
ON
MOM.
U11
U13
U15
U17
U18
U19
7101
7103
7105
7107
7108
7109
SP
SCHEMATIC
CONNECTED TERMINALS
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
POS. 1
POS. 2
POS. 3
UL**
MODEL
NO.
MODEL NO.
NO.
POLES
Terminal Numbers
For Reference Only
Terminal Numbers
For Reference Only
DPDT
SPDT
Part number shown: 7101SYZBE
Part number shown: 7201SYZQE
MOM. = Momentary
* Wiring for 3-way switch, see Section N.
Materials
CASE: Glass filled nylon 6/6, flame retardant, heat stabilized, or
diallyl phthalate (DAP) (UL 94V-0).
ACTUATOR: Brass, chrome plated.
BUSHING: Brass or zinc, nickel plated.
HOUSING: Stainless steel.
SWITCH SUPPORT: Brass or steel, tin plated.
END CONTACTS: B contact material: Copper alloy, with gold plate
over nickel plate. Q contact material: Coin silver, silver plated.
See page F-15 for additional contact materials.
CENTER CONTACTS & ALL TERMINALS: B contact material: Copper
alloy, with gold plate over nickel plate. Q contact material: Copper
alloy, silver plated. See above for additional contact materials.
TERMINAL SEAL: Epoxy.
HARDWARE: Nut & Locking Ring: Brass, nickel plated.
Lockwasher: Steel, nickel plated.
NOTE: Materials listed above are for switches with standard options. For information
on specific and custom switches, consult Customer Service Center.
SWITCH FUNCTION


Similar Part No. - 481103000

ManufacturerPart #DatasheetDescription
logo
C&K Components
481103000 CK-COMPONENTS-481103000 Datasheet
1Mb / 14P
   7000 Series Miniature Toggle Switches
481103000 CK-COMPONENTS-481103000 Datasheet
1Mb / 14P
   Miniature Toggle Switches
481103000 CK-COMPONENTS-481103000 Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
ITT Industries
481103000 ITT-481103000 Datasheet
1Mb / 23P
   AUXILIARY ACTUATORS
More results

Similar Description - 481103000

ManufacturerPart #DatasheetDescription
logo
C&K Components
7101TCQE CK-COMPONENTS-7101TCQE Datasheet
1Mb / 14P
   Multi-pole and multi-position
A20505MNZQE CK-COMPONENTS-A20505MNZQE Datasheet
290Kb / 5P
   Multi-pole and multi-position
7105T1ZQE CK-COMPONENTS-7105T1ZQE Datasheet
1Mb / 14P
   Multi-pole and multi-position
A10403RNCQ CK-COMPONENTS-A10403RNCQ Datasheet
299Kb / 5P
   Multi-pole and multi-position
PB-22D01-L CK-COMPONENTS-PB-22D01-L Datasheet
319Kb / 8P
   Single Pole and Multi-Key Pushbutton Switches
logo
Coto Technology
2332-05-000 COTO-2332-05-000 Datasheet
280Kb / 2P
   Multi-Pole Reed Relays
logo
TT Electronics.
SX-4404 TTELEC-SX-4404 Datasheet
811Kb / 4P
   LH3 Torque & Multi-Turn Position Sensor
SX-4472 TTELEC-SX-4472 Datasheet
764Kb / 4P
   LH3 Torque & Multi-turn Position Sensor
logo
CTS Corporation
286 CTS-286 Datasheet
672Kb / 4P
   Multi-turn Hall-Effect Position Sensor
2022-10-20 Rev. 0
logo
TT Electronics.
SX-4487 TTELEC-SX-4487 Datasheet
809Kb / 4P
   LH3 Torque & Multi-turn Position Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com