Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

7005S35JI Datasheet(PDF) 20 Page - Integrated Device Technology

Part No. 7005S35JI
Description  HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7005S35JI Datasheet(HTML) 20 Page - Integrated Device Technology

Back Button 7005S35JI Datasheet HTML 13Page - Integrated Device Technology 7005S35JI Datasheet HTML 14Page - Integrated Device Technology 7005S35JI Datasheet HTML 15Page - Integrated Device Technology 7005S35JI Datasheet HTML 16Page - Integrated Device Technology 7005S35JI Datasheet HTML 17Page - Integrated Device Technology 7005S35JI Datasheet HTML 18Page - Integrated Device Technology 7005S35JI Datasheet HTML 19Page - Integrated Device Technology 7005S35JI Datasheet HTML 20Page - Integrated Device Technology 7005S35JI Datasheet HTML 21Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
6.42
IDT7005S/L
High-Speed 8K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
20
Ordering Information
NOTES:
1. Industrial temperature range is available on selected TQFP packages in standard power.
For other speeds, packages and powers contact your sales office.
2. Green parts available. For specific speeds, packages and powers contact your local sales office.
Datasheet Document History
12/21/98:
Initiateddatasheetdocumenthistory
Convertedtonewformat
Cosmeticandtypographicalcorrections
Pages 2 & 3
Addedadditionalnotestopinconfigurations
06/03/99:
Changeddrawingformat
11/10/99:
Replaced IDT logos
08/07/00:
Page 1
Addedcopywrightinfo
Fixed overbar errors
Page 4
Increatedstoragetemperatureparameter
ClarifiedTAParameter
Page 6
DCElectricalparameters–changedwordingfrom"open"to"disabled"
Changed ±500mV to 0mV in notes
09/18/01:
Page 2 & 3
Addeddaterevisionforpinconfigurations
Page 14
Replaced one copy of table 13b with 13a for 15, 17,20 & 25ns speeds for AC Electrical Characteristics
INTERRUPT TIMING
2738 drw 21
A
Power
999
Speed
A
Package
A
Process/
Temperature
Range
Blank
I(1)
B
Commercial (0
°C to +70°C)
Industrial (-40
°C to +85°C)
Military (-55
°C to +125°C)
Compliant to MIL-PRF-38538 QML
PF
G
J
F
64-pin TQFP (PN64-1)
68-pin PGA (G68-1)
68-pin PLCC (J68-1)
68-pin Flatpack (F64-1)
15
17
20
25
35
55
70
Commercial Only
Commercial Only
Commercial, Industrial & Military
Commercial & Military
Commercial, Industrial & Military
Commercial, Industrial & Military
Military Only
S
L
Standard Power
Low Power
XXXXX
Device
Type
64K (8K x 8) Dual-Port RAM
7005
Speed in nanoseconds
A
G
Green
(2)
A
Blank
8
Tube or Tray
Tape and Reel


Similar Part No. - 7005S35JI

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
7005S35JG IDT-7005S35JG Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JG8 IDT-7005S35JG8 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JGB IDT-7005S35JGB Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JGB IDT-7005S35JGB Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JGB8 IDT-7005S35JGB8 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - 7005S35JI

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S55PFG IDT-7005S55PFG Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_12 Datasheet
162Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L20PFI IDT-IDT70V05L20PFI Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz