Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

551-0409 Datasheet(PDF) 2 Page - Dialight Corporation

Part # 551-0409
Description  LED CBI Circuit Board Indicator .120 High LED Centerline
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

551-0409 Datasheet(HTML) 2 Page - Dialight Corporation

  551-0409 Datasheet HTML 1Page - Dialight Corporation 551-0409 Datasheet HTML 2Page - Dialight Corporation 551-0409 Datasheet HTML 3Page - Dialight Corporation 551-0409 Datasheet HTML 4Page - Dialight Corporation 551-0409 Datasheet HTML 5Page - Dialight Corporation 551-0409 Datasheet HTML 6Page - Dialight Corporation 551-0409 Datasheet HTML 7Page - Dialight Corporation 551-0409 Datasheet HTML 8Page - Dialight Corporation 551-0409 Datasheet HTML 9Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
4-20 Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
551-xx09
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
551-0209
Green
563
16
2.1
10
45°
521-9408
4-64
551-0309
Yellow
585
6.3
2.1
10
45°
521-9428
4-64
551-0409
Red
650
10
2
10
45°
521-9427
4-64
551-0809
Blue
428
12
3.5
10
70°
521-9831
4-57
551-2509
Orange
600
7
2.2
10
60°
521-9498
4-58
HIGH EFFICIENCY
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
551-1109
Red
635
1.6
1.7
2
60°
521-9324
4-60
551-1209
Yellow
585
1.6
1.8
2
60°
521-9325
4-60
551-1309
Green
565
1.6
1.9
2
60°
521-9326
4-60
LOW CURRENT
Peak
IV
Test
Forward
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Voltage
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
551-0509
Red
635
29
5
10
60°
521-9215
4-59
551-0609
Green
565
19
5
10
60°
521-9323
4-59
551-0709
Yellow
585
12.6
5
10
60°
521-9322
4-59
INTEGRAL RESISTOR, 5 VOLTS
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
551-3009
Red/Green
635/565
4.7/10
2
10
50°
521-9459
4-63
551-3109
Yellow/Green
585/565
4.3/6.3
2.1*/2.1*
10
80°
521-9478
4-62
BI-COLOR
Typical Operating Characteristics (TA=25°C)
See LED data sheet for additional information
See page 4-70 and 4-71 for Reference Only LED Drive Circuit Examples. See page 4-72 for Pin Out
* IF = 20mA


Similar Part No. - 551-0409

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
551-0409 DIALIGHT-551-0409 Datasheet
70Kb / 9P
   3mm LED CBI Circuit Board Indicator 120 High LED Centerline
551-0409F DIALIGHT-551-0409F Datasheet
158Kb / 1P
   3mm LED CBI RoHS COMPLIANT
More results

Similar Description - 551-0409

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
551-XX09 DIALIGHT-551-XX09 Datasheet
70Kb / 9P
   3mm LED CBI Circuit Board Indicator 120 High LED Centerline
550-XX08 DIALIGHT-550-XX08 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator 250 LED Centerline
551-XX07 DIALIGHT-551-XX07 Datasheet
73Kb / 9P
   3mm LED CBI Circuit Board Indicator 200 High LED Centerline
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
551-XX07-004 DIALIGHT-551-XX07-004 Datasheet
61Kb / 8P
   3mm LED CBI Circuit Board Indicator Quad, .200??High LED Centerline
350-1817-ND DIALIGHT-350-1817-ND Datasheet
78Kb / 9P
   LED CBI Circuit Board Indicator
551-0607F DIALIGHT-551-0607F Datasheet
78Kb / 9P
   3mm LED CBI짰 Circuit Board Indicator .200??High LED Centerline
553-XXXX-300 DIALIGHT-553-XXXX-300 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
555-2XXX DIALIGHT-555-2XXX Datasheet
31Kb / 5P
   2mm LED CBI Circuit Board Indicator Single
555-4XXX DIALIGHT-555-4XXX Datasheet
25Kb / 3P
   2mm LED CBI Circuit Board Indicator Quad
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com