Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD14194B Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part No. HD14194B
Description  4-bit Bidirectional Universal Shift Register
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD14194B Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD14194B Datasheet HTML 1Page - Hitachi Semiconductor HD14194B Datasheet HTML 2Page - Hitachi Semiconductor HD14194B Datasheet HTML 3Page - Hitachi Semiconductor HD14194B Datasheet HTML 4Page - Hitachi Semiconductor HD14194B Datasheet HTML 5Page - Hitachi Semiconductor HD14194B Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
DP-16
Conforms
Conforms
1.07 g
Unit: mm
19.20
16
9
8
1
1.3
20.00 Max
7.62
0.25
+ 0.13
– 0.05
2.54
± 0.25
0.48
± 0.10
0
° – 15°
1.11 Max


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CD40194B CMOS 4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER 1  2  3  4  5  More Texas Instruments
MM74HC194 4-Bit Bidirectional Universal Shift Register 1  2  3  4  5  More National Semiconductor (TI)
74LS194A 4-Bit Bidirectional Universal Shift Register 1  2  3  4  5  More National Semiconductor (TI)
MMC40104 4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER 1  2  3  4  Micro Electronics
HCC40104B 4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER 1  2  3  4  5  More STMicroelectronics
HEF40194B 4-bit bidirectional universal shift register 1  2  3  4  5  More NXP Semiconductors
DM74LS194A 4-Bit Bidirectional Universal Shift Register 1  2  3  4  5  More Fairchild Semiconductor
SN74AS195 4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER 1  2  3  4  5  More Texas Instruments
SN54LS194A 4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER 1  2  3  4  5  More Motorola, Inc
CD40104BMS CMOS 4-Bit Bidirectional Universal Shift Register 1  2  3  4  5  More Intersil Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn