Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSSUU300-109 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSSUU300-109
Description  AC/DC Switching Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSSUU300-109 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSSUU300-109 Datasheet HTML 1Page - Wall Industries,Inc. PSSUU300-109 Datasheet HTML 2Page - Wall Industries,Inc. PSSUU300-109 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
11/15/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 4
DATASHEET
Rev. A
PSSCT SERIES
100~264VAC Input
Triple Output
60W, Open Frame
AC/DC Switching Power Supplies
PSSCT601 Model
All Other Models
FEATURES
 Open Frame
 Triple Output
 Remote Sense
 RoHS Compliant
 Dimensions: 3” x 5”
 MTBF > 80,000 Hours
 60W Maximum Output Power
 100~264VAC Input Voltage Range
 Over Voltage and Over Load Protection
 UL60950 and TUV EN60950 Safety Approvals
DESCRIPTION
The PSSCT series of AC/DC switching power supplies offers 60 watts of output power in an open frame constructed
design. All models have triple outputs and a 100~264VAC input voltage range. These supplies also have UL60950, TUV
EN60950, and CE safety approvals. All models are RoHS compliant and have over load and over voltage protection.


Similar Part No. - PSSUU300-109

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSSUU300-109 WALL-PSSUU300-109 Datasheet
151Kb / 3P
   AC/DC Switching Power Supplies
PSSUU300-109 WALL-PSSUU300-109 Datasheet
145Kb / 3P
   AC/DC Switching Power Supplies
More results

Similar Description - PSSUU300-109

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com