Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSSBU58-103 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSSBU58-103
Description  AC/DC Open Frame Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSSBU58-103 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSSBU58-103 Datasheet HTML 1Page - Wall Industries,Inc. PSSBU58-103 Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSSBU58 Series
2 Pin Input Connector
60 Watt, Single Output
AC/DC Open Frame Power Supply
Rev A
MODEL SELECTION TABLE
Model Number
Preset Voltage
Output
Voltage Range
Output
Current Range
Total Regulation
Max Output Power
PSSBU58-102
6 VDC
5 ~ 6 VDC
8.00 ~ 6.66A
5%
40W
PSSBU58-103
8 VDC
6 ~ 8 VDC
8.00 ~ 6.00A
5%
48W
PSSBU58-104
11 VDC
8 ~ 11 VDC
6.87 ~ 5.00A
5%
55W
PSSBU58-105
13 VDC
11 ~ 13 VDC
5.45 ~ 4.61A
5%
60W
PSSBU58-106
16 VDC
13 ~ 16 VDC
4.23 ~ 3.43A
5%
60W
PSSBU58-107
21 VDC
16 ~ 21 VDC
3.75 ~ 2.85A
5%
60W
PSSBU58-108
27 VDC
21 ~ 27 VDC
2.85 ~ 2.22A
3%
60W
PSSBU58-109
33 VDC
27 ~ 33 VDC
2.22 ~ 1.81A
3%
60W
PSSBU58-110
40 VDC
33 ~ 40 VDC
1.81 ~ 1.50A
3%
60W
PSSBU58-111
48 VDC
40 ~ 48 VDC
1.50 ~ 1.20A
2%
60W
NOTES
1. The output voltage is specified as a range (Ex: 40 ~ 48VDC); the preset voltage will be set as standard models if nothing
different is requested. Please contact factory for ordering details.
2. Input connector mates with Molex housing 35977-0300 and Molex 35922 series crimp terminal.
MECHANICAL DRAWING
Unit: inches (mm)
PIN CONNECTIONS
Pin
Single Output
1
OUT
2
OUT
3
OUT
4
RTN
5
RTN
6
RTN
P/N: PSSBU58-XXX-H3 or PSSBU-XXX-H4
MECHANICAL OPTIONS
Options
H3
H4
Mounting Holes
0.13 (3.2±0.5)
0.16 (4.0±0.5)
A
0.12 (3.15±0.5)
0.17 (4.3±0.5)
B
3.75 (95.3±0.5) 3.66 (93.0±0.5)
C
0.12 (3.15±0.5)
0.17 (4.3±0.5)
D
1.75 (44.5±0.5) 1.69 (42.8±0.5)
Input Connector mates with Molex housing 35977-0300 and
Molex 35922 series crimp terminal.


Similar Part No. - PSSBU58-103

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSSBU100 WALL-PSSBU100 Datasheet
312Kb / 4P
   AC/DC Open Frame Switching Power Supplies
PSSBU100-101 WALL-PSSBU100-101 Datasheet
312Kb / 4P
   AC/DC Open Frame Switching Power Supplies
PSSBU100-102 WALL-PSSBU100-102 Datasheet
312Kb / 4P
   AC/DC Open Frame Switching Power Supplies
PSSBU100-103 WALL-PSSBU100-103 Datasheet
312Kb / 4P
   AC/DC Open Frame Switching Power Supplies
PSSBU100-104 WALL-PSSBU100-104 Datasheet
312Kb / 4P
   AC/DC Open Frame Switching Power Supplies
More results

Similar Description - PSSBU58-103

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFM40 CUI-VFM40 Datasheet
212Kb / 3P
   open frame AC/DC power supply
VFM100 CUI-VFM100 Datasheet
410Kb / 3P
   open frame ac-dc power supply
VFM05 CUI-VFM05 Datasheet
128Kb / 2P
   open frame AC/DC power supply
VFM10 CUI-VFM10 Datasheet
821Kb / 3P
   open frame AC/DC power supply
logo
Delta Electronics, Inc.
MDS-300APB24AA DELTA-MDS-300APB24AA Datasheet
747Kb / 12P
   Medical AC-DC Open Frame Power Supply
MDS-300APB12AA DELTA-MDS-300APB12AA Datasheet
849Kb / 11P
   Medical AC-DC Open Frame Power Supply
MDS-300APB18AA DELTA-MDS-300APB18AA Datasheet
870Kb / 12P
   Medical AC-DC Open Frame Power Supply
MDS-400APB12AA DELTA-MDS-400APB12AA Datasheet
962Kb / 12P
   Medical AC-DC Open Frame Power Supply
MDS-250A DELTA-MDS-250A Datasheet
668Kb / 13P
   Medical AC-DC Open Frame Power Supply
MDS-400APB24-AA DELTA-MDS-400APB24-AA Datasheet
592Kb / 12P
   Medical AC-DC Open Frame Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com