Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSPSF100-36S Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSPSF100-36S
Description  AC/DC LED Switching Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPSF100-36S Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSPSF100-36S Datasheet HTML 1Page - Wall Industries,Inc. PSPSF100-36S Datasheet HTML 2Page - Wall Industries,Inc. PSPSF100-36S Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc.
Rev A
PSPSF100 SERIES
96 Watt, AC/DC LED Switching Power Supplies
08/06/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 3
BLOCK DIAGRAM
EMI FILTER
&
RECTIFIERS
POWER
SWITCHING
O.L.P.
PWM
CONTROL
FILTER
&
RECTIFIERS
DETECTION
CIRCUIT
O.C.P.
I/P
+V
-V
MECHANICAL DRAWING
6.45 (163.8)
6.06 (153.8)
5.66 (143.8)
Unit: inches (mm)
11.81±0.79 (300.0±20.0)
AC/L (Brown)
AC/N (Blue)
+V
-V
(Red)
(Black)
0.13 (3.2)
11.81±0.79 (300.0±20.0)
TOP VIEW
Tolerance: 0.08” (±2mm)
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development engineers will provide a
solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008 certification is just one example of our
commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely with its customers to
ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide ongoing support for your project above and
beyond the design and production phases. Give us a call today to discuss your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
37 Industrial Drive
Exeter, NH 03833


Similar Part No. - PSPSF100-36S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPSF-125 WALL-PSPSF-125 Datasheet
171Kb / 5P
   AC/DC Switching power Supplies
PSPSF-125-12 WALL-PSPSF-125-12 Datasheet
171Kb / 5P
   AC/DC Switching power Supplies
PSPSF-125-15 WALL-PSPSF-125-15 Datasheet
171Kb / 5P
   AC/DC Switching power Supplies
PSPSF-125-24 WALL-PSPSF-125-24 Datasheet
171Kb / 5P
   AC/DC Switching power Supplies
PSPSF-125-48 WALL-PSPSF-125-48 Datasheet
171Kb / 5P
   AC/DC Switching power Supplies
More results

Similar Description - PSPSF100-36S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSQLF100 WALL-PSQLF100 Datasheet
120Kb / 4P
   AC/DC LED Switching Power Supplies
PSAPF100 WALL-PSAPF100 Datasheet
548Kb / 4P
   AC/DC LED Switching Power Supplies
PSAPF150 WALL-PSAPF150 Datasheet
547Kb / 4P
   AC/DC LED Switching Power Supplies
PSALF240 WALL-PSALF240 Datasheet
224Kb / 4P
   AC/DC LED Switching Power Supplies
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com