Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSM180B-1Y150 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSM180B-1Y150
Description  AC/DC Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSM180B-1Y150 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSM180B-1Y150 Datasheet HTML 1Page - Wall Industries,Inc. PSM180B-1Y150 Datasheet HTML 2Page - Wall Industries,Inc. PSM180B-1Y150 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc.
Rev B
PSM180 SERIES
120~180 Watts, Medical AC/DC Power Supplies
04/30/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 3
MECHANICAL DRAWING
5.00 [127.0]
4.55 [115.6]
0.22 [5.7]
0.22 [5.7]
0.22 [5.7]
0.22 [5.7]
4X Ø3.5 Mounting Holes
CN2
1
2
3
4
5
6
CN1
2
1
Unit: inches [mm]
CN1: INPUT CONNECTOR
Pin No.
Signal
1
AC Neutral
2
AC Line
JST B3P-VH-B pitch: 3.96mm or equivalent,
mates with JST VHR-3N or equivalent
CN2: OUTPUT CONNECTOR
Pin No.
Signal
1
GND
2
GND
3
GND
4
+Vo
5
+Vo
6
+Vo
JST B3P-VH-B pitch: 3.96mm or equivalent,
mates with JST VHR-3N or equivalent
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development engineers will provide a
solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008 certification is just one example of our
commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely with its customers to
ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide ongoing support for your project above and
beyond the design and production phases. Give us a call today to discuss your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
37 Industrial Drive
Exeter, NH 03833


Similar Part No. - PSM180B-1Y150

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
PSM1-101M-02B APITECH-PSM1-101M-02B Datasheet
2Mb / 21P
   Surface Mount EMI Filters
PSM1-101M-10B0 APITECH-PSM1-101M-10B0 Datasheet
199Kb / 2P
   Surface Mount Low Pass Filters
PSM1-101M-10B2 APITECH-PSM1-101M-10B2 Datasheet
199Kb / 2P
   Surface Mount Low Pass Filters
PSM1-101M-10T0 APITECH-PSM1-101M-10T0 Datasheet
199Kb / 2P
   Surface Mount Low Pass Filters
PSM1-101M-10T2 APITECH-PSM1-101M-10T2 Datasheet
199Kb / 2P
   Surface Mount Low Pass Filters
More results

Similar Description - PSM180B-1Y150

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com