Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSM180B-1Y120 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSM180B-1Y120
Description  AC/DC Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSM180B-1Y120 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSM180B-1Y120 Datasheet HTML 1Page - Wall Industries,Inc. PSM180B-1Y120 Datasheet HTML 2Page - Wall Industries,Inc. PSM180B-1Y120 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc.
Rev B
PSM180 SERIES
120~180 Watts, Medical AC/DC Power Supplies
04/30/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 3
SPECIFICATIONS: PSM180 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
90
264
VAC
Input Frequency
47
63
Hz
115VAC and full load
3
Input Current (rms)
230VAC and full load
1.5
A
115VAC, cold start, 25°C
50
Inrush Current
230VAC, cold start, 25°C
100
A
115VAC and full load
0.95
Power Factor Correction
230VAC and full load
0.90
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Regulation
See Table
Convection cooling
120
Output Power
15CFM forced air cooling
180
W
Output Current
See Table
Minimum Load
0
%
Ripple & Noise (20MHz BW)
Measured at 20MHz limited bandwidth and with a 10µF electrolytic
capacitor and a 0.1µF ceramic capacitor in parallel across the output
240
mVp-p
Hold-up Time
115VAC and full load
20
ms
PROTECTION
Over Voltage Protection
Latching type, AC recycle
Over Load Protection
automatic recovery
110
150
%
Short Circuit Protection
automatic recovery
GENERAL SPECIFICATIONS
Efficiency
115VAC and full load
87
%
ENVIRONMENTAL SPECIFICATIONS
Convection cooling Derating linearly 2.5% per °C from 41°C to +60°C
0
+60
°C
Operating Ambient Temperature
15CFM forced air
Derating linearly 2.5% per °C from 51°C to +60°C
0
+60
°C
Storage Temperature Range
-40
+85
°C
Humidity
Non-condensing
5
95
%
MTBF
Full load and 25°C ambient temperature
100,000
hours
PHYSICAL SPECIFICATIONS
Weight
12.3oz (350g)
Dimensions (L x W x H)
5.00 x 3.00 x 1.18 inch (127.0 x 76.2 x 30.0 mm)
Input Connector (CN1)
Mates with JST VHR-3N or equivalent
JST B3P-VH-B pitch: 3.96mm or equivalent
Output Connector (CN2)
Mates with JST VHR-6N or equivalent
JST B6P-VH-B pitch: 3.96mm or equivalent
SAFETY & EMC
Safety Approvals
UL60601-1 3rd ed.., EN60601-1 3rd ed., CSA-C22.2 No.60601-1 3rd ed., and IEC EN60601-1 3rd ed.
EMC Standards
EN60601-1-2, FCC Part 18 Class B, EN55011 Class B, CE


Similar Part No. - PSM180B-1Y120

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
PSM1-101M-02B APITECH-PSM1-101M-02B Datasheet
2Mb / 21P
   Surface Mount EMI Filters
PSM1-101M-10B0 APITECH-PSM1-101M-10B0 Datasheet
199Kb / 2P
   Surface Mount Low Pass Filters
PSM1-101M-10B2 APITECH-PSM1-101M-10B2 Datasheet
199Kb / 2P
   Surface Mount Low Pass Filters
PSM1-101M-10T0 APITECH-PSM1-101M-10T0 Datasheet
199Kb / 2P
   Surface Mount Low Pass Filters
PSM1-101M-10T2 APITECH-PSM1-101M-10T2 Datasheet
199Kb / 2P
   Surface Mount Low Pass Filters
More results

Similar Description - PSM180B-1Y120

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com