Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD14093B Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part No. HD14093B
Description  Quadruple 2-input NAND Schmitt Trigger
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD14093B Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HD14093B Datasheet HTML 1Page - Hitachi Semiconductor HD14093B Datasheet HTML 2Page - Hitachi Semiconductor HD14093B Datasheet HTML 3Page - Hitachi Semiconductor HD14093B Datasheet HTML 4Page - Hitachi Semiconductor HD14093B Datasheet HTML 5Page - Hitachi Semiconductor HD14093B Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-14DA
Conforms
0.23 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
*0.42
± 0.08
0.70
± 0.20
0.12
0.15
0
° – 8°
M
10.06
1.42 Max
14
8
1
7
10.5 Max
+ 0.20
– 0.30
7.80
1.15
1.27
0.40
± 0.06


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HEF4093B Quadruple 2-input NAND Schmitt trigger 1  2  3  4  5  More NXP Semiconductors
MC14093B Quad 2-Input NAND Schmitt Trigger 1  2  3  4  5  More ON Semiconductor
74ALVC132 Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs 1  2  3  4  5  Fairchild Semiconductor
MM74HC132 Quad 2-Input NAND Schmitt Trigger 1  2  3  4  5  More Fairchild Semiconductor
ACS132MS Radiation Hardened Quad 2-Input NAND Schmitt Trigger 1  2  Intersil Corporation
CD54HC132 High-Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger 1  2  3  4  5  More Texas Instruments
MC74LVX132 Quad 2-Input NAND Schmitt Trigger 1  2  3  4  5  More ON Semiconductor
CD4093BM Quad 2-Input NAND Schmitt Trigger 1  2  3  4  5  More National Semiconductor (TI)
MC74AC132 Quad 2−Input NAND Schmitt Trigger 1  2  3  4  5  More ON Semiconductor
HCS132MS Radiation Hardened Quad 2-Input NAND Schmitt Trigger 1  2  3  4  5  More Intersil Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn