Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSAQF100O Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSAQF100O
Description  AC/DC Switching Power Supplies
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAQF100O Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSAQF100O Datasheet HTML 1Page - Wall Industries,Inc. PSAQF100O Datasheet HTML 2Page - Wall Industries,Inc. PSAQF100O Datasheet HTML 3Page - Wall Industries,Inc. PSAQF100O Datasheet HTML 4Page - Wall Industries,Inc. PSAQF100O Datasheet HTML 5Page - Wall Industries,Inc. PSAQF100O Datasheet HTML 6Page - Wall Industries,Inc. PSAQF100O Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
10/19/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 7
DATASHEET
Rev. A
PSAQF100O SERIES
90~264VAC (120~370VDC) Input
PFC Function, Single Output
Up to 100 Watts, Open Frame
AC/DC Switching Power Supplies
FEATURES
● Open Frame
● Up to 100W
● Single Output
● RoHS Compliant
● Low Ripple & Noise
● Free Air Convection
● 3000VAC I/O Isolation
● High Efficiency up to 92%
● -25°C to +70°C Operating Temperature
● Ultra Compact Size: 4.1 x 2.05 x 0.98 Inches
● Output Voltages Available from 12VDC to 48VDC
● PFC Function: > 0.95 at full Load, >0.9 at 50% Load
● Short Circuit, Over Load, and Over Voltage Protection
● Optional I/O Connectors Available (Standard or A Type)
● Universal Input Voltage Range: 90~264VAC (120~370VDC)
DESCRIPTION
The PSAQF100O series of AC/DC switching power supplies offers up to 100W of output power in a 4.1 x 2.05
x 0.98 inch open frame constructed design. All models have a single output and a universal input. Some features
include 3000VAC I/O isolation, low ripple and noise, -25°C to +70°C operating temperature, high efficiency up
to 92%, and PFC function > 0.95 at full load. These supplies also have UL/cUL and CE safety approvals and are
RoHS compliant. All models are protected against short circuit, over power, and over voltage conditions.
Optional Molex input/output connector type available (suffix “A”).
STANDARD
A TYPE


Similar Part No. - PSAQF100O

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF120O-12S WALL-PSAQF120O-12S Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF120O-15S WALL-PSAQF120O-15S Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF120O-24S WALL-PSAQF120O-24S Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF120O-3.3S WALL-PSAQF120O-3.3S Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
More results

Similar Description - PSAQF100O

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com