Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSAK-3000-27 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSAK-3000-27
Description  AC/DC Switching Power Supplies
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAK-3000-27 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSAK-3000-27 Datasheet HTML 1Page - Wall Industries,Inc. PSAK-3000-27 Datasheet HTML 2Page - Wall Industries,Inc. PSAK-3000-27 Datasheet HTML 3Page - Wall Industries,Inc. PSAK-3000-27 Datasheet HTML 4Page - Wall Industries,Inc. PSAK-3000-27 Datasheet HTML 5Page - Wall Industries,Inc. PSAK-3000-27 Datasheet HTML 6Page - Wall Industries,Inc. PSAK-3000-27 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
02/05/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 7
DATASHEET
Rev. A
PSAK3000 SERIES
90~264VAC (127~370VDC) Input
3000 Watts Output Power
Single Output, Active PFC
AC/DC Switching Power Supplies
FEATURES
• Single Output
• Internal Ball Bearing Fan
• RoHS Compliant
• Universal AC Input
• Active PFC
• Programmable Output Voltage (30% ~ 105%)
• Programmable Output Current (40% ~ 105%)
• High Efficiency up to 90%
• +5V / 0.5A Auxiliary Output
• 3U Profile, High Power Density 10.8W/in3
• Forced Current Sharing at Parallel Operation
• Power OK Signal (Power Good, Logic Low)
• Remote ON/OFF, Remote Sense Function
• Protection: Over Voltage, Over Load, Over Temperature,
Short Circuit Protection, and Fan Failure
DESCRIPTION
The PSAK3000 series of AC/DC switching power supplies offers 3000 Watts of output power in a 12.01” x 5.00” x 5.00”
enclosed case. This series has a universal input voltage range of 90~264VAC (127~370VDC) and single outputs of 12, 15,
24, 27, and 48VDC. Standard features include high efficiency up to 90%, active power-factor-correction, programmable
output voltage and output current, remote on/off, remote sense, power OK signal, and internal ball bearing fan. This series
also has over voltage, short circuit, over load, and over temperature protection. All models are RoHS compliant and have
UL/cUL, TUV, and CE safety approvals.


Similar Part No. - PSAK-3000-27

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAK-350-12 WALL-PSAK-350-12 Datasheet
175Kb / 5P
   AC/DC Switching Power Supplies
PSAK-350-15 WALL-PSAK-350-15 Datasheet
175Kb / 5P
   AC/DC Switching Power Supplies
PSAK-350-24 WALL-PSAK-350-24 Datasheet
175Kb / 5P
   AC/DC Switching Power Supplies
PSAK-350-48 WALL-PSAK-350-48 Datasheet
175Kb / 5P
   AC/DC Switching Power Supplies
PSAK-350-5 WALL-PSAK-350-5 Datasheet
175Kb / 5P
   AC/DC Switching Power Supplies
More results

Similar Description - PSAK-3000-27

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com